Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 36 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9923A Datasheet HTML 32Page - Analog Devices AD9923A Datasheet HTML 33Page - Analog Devices AD9923A Datasheet HTML 34Page - Analog Devices AD9923A Datasheet HTML 35Page - Analog Devices AD9923A Datasheet HTML 36Page - Analog Devices AD9923A Datasheet HTML 37Page - Analog Devices AD9923A Datasheet HTML 38Page - Analog Devices AD9923A Datasheet HTML 39Page - Analog Devices AD9923A Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
AD9923A
Rev. 0 | Page 36 of 88
Pixel 2 and Pixel 9 within a single HD line. However, in
multiplier mode the toggle positions are multiplied by
VLEN = 4; therefore, the first toggle occurs at pixel count = 8,
and the second toggle occurs at pixel count = 36. Sweep mode is
also enabled to allow the toggle positions to cross the HD line
boundaries.
The MULTI function only applies to signals assigned to Group A.
It cannot be used at the same time as the TWOGROUP function or
if any signals are assigned to Group B.
Table 18. Multiplier Mode Register Parameters
Register
Length
(Bits)
Range
Description
MULTI
1
High/low
High enables multiplier mode
XVPOL
1
High/low
Starting polarity of XV1 to XV13 signals in each VPAT group
XVTOG
13
0 to 8191 pixel location
Toggle positions for XV1 to XV13 signals in each VPAT group
VLEN
13
0 to 8191 pixels
Used as multiplier factor for toggle position counter
VREP
12
0 to 4095
VREPE/VREPO should be set to the value of the highest XVTOG value
XV1 TO XV13
HD
VLEN
MULTIPLIER MODE V-PATTERN GROUP PROPERTIES:
1START POLARITY (ABOVE: STARTPOL = 0).
2FIRST AND SECOND TOGGLE POSITIONS (ABOVE: XVTOG1 = 2, XVTOG2 = 9).
3LENGTH OF VPAT COUNTER (ABOVE: VPATLEN = 4); THIS IS THE MINIMUM RESOLUTION FOR TOGGLE POSITION CHANGES.
4TOGGLE POSITIONS OCCUR AT LOCATION EQUAL TO (XVTOG × VPATLEN).
5IF SWEEP REGION IS ENABLED, THE V-PULSES MAY ALSO CROSS THE HD BOUNDRIES, AS SHOWN ABOVE.
12 3412 341 2341 2341 2341 234 1234 1234 123 4123 4
START POSITION OF VPAT GROUP IS STILL PROGRAMMED IN THE V-SEQUENCE REGISTERS
PIXEL
NUMBER
12 3456 789 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
3
55
4
1
2
4
2
Figure 49. Example of Multiplier Region for Wide Vertical Pulse Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com