Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 24 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9923A Datasheet HTML 20Page - Analog Devices AD9923A Datasheet HTML 21Page - Analog Devices AD9923A Datasheet HTML 22Page - Analog Devices AD9923A Datasheet HTML 23Page - Analog Devices AD9923A Datasheet HTML 24Page - Analog Devices AD9923A Datasheet HTML 25Page - Analog Devices AD9923A Datasheet HTML 26Page - Analog Devices AD9923A Datasheet HTML 27Page - Analog Devices AD9923A Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
AD9923A
Rev. 0 | Page 24 of 88
Increasing H-Clock Width During HBLK
The AD9923A allows the H1 to H4 pulse width to be increased
during the HBLK interval. The H-clock pulse width can in-
crease by reducing the H-clock frequency (see Table 13).
The HBLKWIDTH register (Register 0x35, Bits[6:4]) is a 3-bit
register that allows the H-clock frequency to be reduced by 1/2,
1/4, 1/6, 1/8, 1/10, 1/12, or 1/14. The reduced frequency only
occurs for H1 to H4 pulses that are located within the HBLK area.
Horizontal Timing Sequence Example
Figure 33 shows an example of a CCD layout. The horizontal
register contains 28 dummy pixels that occur on each line
clocked from the CCD. In the vertical direction, there are 10
optical black (OB) lines at the front of the readout and two at
the back of the readout. The horizontal direction has four OB
pixels in the front and 48 OB pixels in the back.
Figure 34 shows the basic sequence layout to use during the
effective pixel readout. The 48 OB pixels at the end of each line
are used for CLPOB signals. PBLK is optional and it is often
used to blank the digital outputs during the noneffective CCD
pixels. HBLK is used during the vertical shift interval.
The HBLK, CLPOB, and PBLK parameters are programmed in
the V-sequence registers. More elaborate clamping schemes can
be used, such as adding a separate sequence to clamp during the
entire line of OB pixels. This requires configuring a separate
V-sequence for reading the OB lines.
The CLPMASKSTART and CLPMASKEND registers can be used
to disable the CLPOB on a few lines without affecting the setup of
the clamp sequences.
HORIZONTAL CCD REGISTER
EFFECTIVE IMAGE AREA
28 DUMMY PIXELS
48 OB PIXELS
4 OB PIXELS
10 VERTICAL
OB LINES
2 VERTICAL
OB LINES
V
H
Figure 33. CCD Configuration Example
Table 13. HBLK Width Register
Register
Length (Bits)
Range
Description
HBLKWIDTH
3
1× to 1/14× pixel rate
Controls H1 to H4 width during HBLK as a fraction of pixel rate
0: same frequency as the pixel rate
1: 1/2 pixel frequency, that is, doubles the H1 to H4 pulse width
2: 1/4 pixel frequency
3: 1/6 pixel frequency
4: 1/8 pixel frequency
5: 1/10 pixel frequency
6: 1/12 pixel frequency
7: 1/14 pixel frequency
VERTICAL SHIFT
VERT. SHIFT
CCDIN
SHP
SHD
HL/H1/H3
H2/H4
HBLK
PBLK
CLPOB
OPTICAL BLACK
DUMMY
EFFECTIVE PIXELS
OPTICAL BLACK
OPTICAL BLACK
HD
Figure 34. Horizontal Sequence Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com