Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 71 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9923A Datasheet HTML 67Page - Analog Devices AD9923A Datasheet HTML 68Page - Analog Devices AD9923A Datasheet HTML 69Page - Analog Devices AD9923A Datasheet HTML 70Page - Analog Devices AD9923A Datasheet HTML 71Page - Analog Devices AD9923A Datasheet HTML 72Page - Analog Devices AD9923A Datasheet HTML 73Page - Analog Devices AD9923A Datasheet HTML 74Page - Analog Devices AD9923A Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 88 page
background image
AD9923A
Rev. 0 | Page 71 of 88
Table 46. Miscellaneous Registers
Address
(Hex)
Data
Bits
Default
Value
Update
Type
Name
Description
10
[0]
0
SCK
SW_RST
Software reset. Bit resets to 0.
1: reset Register 0x00 to Register 0x91 to default values.
11
[0]
0
VD
OUTCONTROL
0: make all outputs dc inactive.
1: enable outputs at next VD edge.
12
[0]
1
SCK
SYNCENABLE
0: configure Ball G7 as an output signal, determined by
Register 0x12, Bits[9:8].
1: external synchronization enable (configure Ball G7 as SYNC input).
[7:1]
0
TEST
Test mode only. Must be set to 0.
[9:8]
0
OUTPUTPBLK
When SYNCENABLE = 0, selects which signal is output on the SYNC pin.
0: CLPOB.
1: PBLK.
2: GPO (from Register 0x1A).
3: TESTOUT (from shutter registers).
13
[0]
0
SCK
SYNCPOL
SYNC active polarity.
0: active low.
1: active high.
14
[0]
0
SCK
SYNCSUSPEND
Suspends clocks during SYNC active pulse.
0: don’t suspend.
1: suspend.
15
[0]
0
SCK
TGCORE_RSTB
Timing core reset bar.
0: reset TG core.
1: resume operation.
16
[0]
0
SCK
OSC_RST
CLO oscillator reset.
0: oscillator in power-down state.
1: resume oscillator operation.
17
[7:0]
0
SCK
TEST1
Test mode only. Must be set to 0.
[8]
0
TEST2
Test mode only. Must be set to 0.
18
[11:0]
0
VD
UPDATE
Serial update line. Sets the HD line within the field to update the VD
updated registers.
19
[0]
0
SCK
PREVENTUP
Prevents the updating of the VD updated registers.
0: normal update.
1: prevent update of VD updated registers.
1A
[0]
0
VD
GPO
General-purpose output (GPO) value when SYNCENABLE = 0 and
OUTPUTPBLK = 2.
0: GPO is low at next VD edge.
1: GPO is high at next VD edge.
Table 47. VD/HD Registers
Address
(Hex)
Data
Bits
Default
Value
Update
Type
Name
Description
20
[0]
0
SCK
MASTER
VD/HD master or slave mode.
0: slave mode.
1: master mode.
21
[0]
0
SCK
VDHDPOL
VD/HD active polarity.
0: low.
1: high.
22
[12:0]
0
VD
HDRISE
Rising edge location for HD.
[24:13]
0
VDRISE
Rising edge location for VD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com