Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 69 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 69 Page - Analog Devices

Back Button AD9923A Datasheet HTML 65Page - Analog Devices AD9923A Datasheet HTML 66Page - Analog Devices AD9923A Datasheet HTML 67Page - Analog Devices AD9923A Datasheet HTML 68Page - Analog Devices AD9923A Datasheet HTML 69Page - Analog Devices AD9923A Datasheet HTML 70Page - Analog Devices AD9923A Datasheet HTML 71Page - Analog Devices AD9923A Datasheet HTML 72Page - Analog Devices AD9923A Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
AD9923A
Rev. 0 | Page 69 of 88
COMPLETE REGISTER LISTING
When an address contains less than 28 data bits, all remaining bits must be written as 0s.
Table 45. AFE Registers
Address
(Hex)
Data
Bits
Default
Value
Update
Type
Name
Description
00
[1:0]
3
SCK
STANDBY
Standby modes.
0: normal operation.
1: Standby 1 mode.
2: Standby 2 mode.
3: Standby 3 mode.
[2]
1
CLPENABLE
0: disable OB clamp.
1: enable OB clamp.
[3]
0
CLPSPEED
0: select normal OB clamp settling.
1: select fast OB clamp settling.
[4]
0
FASTUPDATE
0: ignore VGA update.
1: very fast clamping when VGA is updated.
[5]
0
PBLK_LVL
0: blank data outputs to 0 during PBLK.
1: blank data outputs to programmed clamp level during PBLK.
[6]
0
DCBYP
0: enable input dc-restore circuit during PBLK.
1: disable input dc-restore circuit during PBLK.
[15:11]
0
XSUBCNT_MUX
Selects which internal signal is used for the XSUBCNT signal.
0: assign XV6 to XSUBCNT.
1: assign XV8 to XSUBCNT.
2: assign XV9 to XSUBCNT.
3: assign XV10 to XSUBCNT.
4: assign VSG5 to XSUBCNT.
5: assign VSG6 to XSUBCNT.
6: assign VSG7 to XSUBCNT.
7: assign VSG8 to XSUBCNT.
8: assign VSG2 to XSUBCNT.
9: assign VSG3 to XSUBCNT.
10: assign VSG4 to XSUBCNT.
11: assign VSG1 to XSUBCNT.
12: assign XV13 to XSUBCNT.
13: assign VSUB to XSUBCNT.
14: assign MSHUT to XSUBCNT.
15: assign STROBE to XSUBCNT.
16: assign XV1 to XSUBCNT.
17: assign XV2 to XSUBCNT.
18: assign XV3 to XSUBCNT.
19: assign XV4 to XSUBCNT.
20: assign XV5 to XSUBCNT.
21: assign XV7 to XSUBCNT.
22: assign XV11 to XSUBCNT.
23: assign XV12 to XSUBCNT.
24: assign SHUT0 to XSUBCNT.
25: assign SHUT1 to XSUBCNT.
26: assign SHUT2 to XSUBCNT.
27: assign SHUT3 to XSUBCNT.
28: assign FG_TRIG to XSUBCNT.
29: invalid setting.
30: tie XSUBCNT high.
31: tie XSUBCNT low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com