Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 63 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9923A Datasheet HTML 59Page - Analog Devices AD9923A Datasheet HTML 60Page - Analog Devices AD9923A Datasheet HTML 61Page - Analog Devices AD9923A Datasheet HTML 62Page - Analog Devices AD9923A Datasheet HTML 63Page - Analog Devices AD9923A Datasheet HTML 64Page - Analog Devices AD9923A Datasheet HTML 65Page - Analog Devices AD9923A Datasheet HTML 66Page - Analog Devices AD9923A Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 88 page
background image
AD9923A
Rev. 0 | Page 63 of 88
CIRCUIT LAYOUT INFORMATION
The AD9923A typical circuit connections are shown in Figure 82.
The PCB layout is critical for achieving good image quality from
the AD9923A. All supply pins, particularly the pins for the AVDD,
TCVDD, RGVDD, and HVDD supplies, must be decoupled to
ground with quality, high frequency chip capacitors.
The decoupling capacitors should be as close as possible to the
supply pins and have a very low impedance path to a continuous
ground plane. There should be a bypass capacitor of at least
4.7 μF for each main supply—AVDD, HVDD, and DRVDD—
but this is not necessary for each individual pin. In most
applications, it is easier to share the supply for RGVDD and
HVDD; this requires bypassing each supply pin separately. A
separate 3 V supply can also be used for DRVDD, but it should
be decoupled to the same ground plane as the rest of the chip. A
separate ground for DRVSS is not recommended.
The analog bypass pins (REFT and REFB) should be carefully
decoupled to ground, as close as possible to their respective
pins. The analog input (CCDIN) capacitor should also be
located close to the pin.
To avoid excessive distortion of the signals, design the HL, H1
to H4, and RG traces to have low inductance. To minimize
mutual inductance, route the complementary signals, H1 and
H2, as symmetrically and close together as possible. The same
should be done for the H3 and H4 signals. Heavier PCB traces
are recommended because of the large transient current
demand placed by the CCD on HL and H1 to H4. If possible,
physically locating the AD9923A closer to the CCD reduces the
inductance on these lines. The routing path should be as direct
as possible from the AD9923A to the CCD.
The AD9923A also contains an on-chip oscillator for driving an
external crystal. The maximum crystal frequency that the
AD9923A can support is 36 MHz. Figure 80 shows an example
application using a typical 24 MHz crystal. For the exact values
of the external resistors and capacitors, see the crystal
manufacturer’s data sheet.
10pF~20pF
10pF~20pF
CLI (H12)
CLO (J12)
AD9923A
24MHz
XTAL
~2MΩ
~375Ω
Figure 80. Crystal Driver Application
0V
VDD
VL
V5V
VH
VDR_EN
Figure 81. AD9923A Recommended Power up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com