Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 29 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9923A Datasheet HTML 25Page - Analog Devices AD9923A Datasheet HTML 26Page - Analog Devices AD9923A Datasheet HTML 27Page - Analog Devices AD9923A Datasheet HTML 28Page - Analog Devices AD9923A Datasheet HTML 29Page - Analog Devices AD9923A Datasheet HTML 30Page - Analog Devices AD9923A Datasheet HTML 31Page - Analog Devices AD9923A Datasheet HTML 32Page - Analog Devices AD9923A Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
AD9923A
Rev. 0 | Page 29 of 88
Group A/Group B Selection
The AD9923A has the flexibility to use two V-pattern groups in
a vertical sequence. In general, all vertical outputs use the same
V-pattern group during a sequence, but some outputs can be
assigned to a different V-pattern group. This is useful during
certain CCD readout modes.
The GROUPSEL register is used to select Group A or Group B
for each XV output (the LSB is XV1, the MSB is XV13). Setting
each bit to 0 selects Group A; setting each bit to 1 selects Group B.
If only a single V-pattern group is needed for the vertical
outputs, Group A is used by default (GROUPSEL = 0), and the
outputs use the V-pattern group specified by the VPATSELA
register.
If Group B flexibility is needed, the outputs set to 1 in the
GROUPSEL register use the V-pattern group selected by the
VPATSELB register. For example, Figure 38 shows outputs
XV12 and XV13 using a separate V-Pattern Group B to perform
special CCD timing.
Another application of the Group A and Group B registers is to
combine two VPAT groups for more complex patterns. This is
achieved by setting the TWO_GROUP register to 1. Figure 39
shows an example of this timing. When TWO_GROUP = 1,
the Group A and Group B toggle positions are both used. In
addition, length, starting polarity, and number of repetitions
are all determined by the appropriate registers for Group A
when TWO_GROUP = 1. Figure 40 shows the more complex
operation of combining Group A and Group B with repetition.
XV1
XV11
HD
XV12
OPTIONAL HOLD AREA
FOR GROUP A
XV13
XV1 TO XV11 USE
V-PATTERN GROUP A
XV12, XV13 USE
V-PATTERN GROUP B
Figure 38. Using Separate Group A and Group B Patterns
XV1
XV13
HD
V-PATTERN GROUP A V-PATTERN GROUP B
Figure 39. Combining Group A and Group B Patterns
XV1
XV13
HD
V-PATTERN GROUP A V-PATTERN GROUP B
GROUP A REP 1
GROUP A REP 2
GROUP A REP 3
Figure 40. Combining Group A and Group B Patterns, with Repetition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com