Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 28 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9923A Datasheet HTML 24Page - Analog Devices AD9923A Datasheet HTML 25Page - Analog Devices AD9923A Datasheet HTML 26Page - Analog Devices AD9923A Datasheet HTML 27Page - Analog Devices AD9923A Datasheet HTML 28Page - Analog Devices AD9923A Datasheet HTML 29Page - Analog Devices AD9923A Datasheet HTML 30Page - Analog Devices AD9923A Datasheet HTML 31Page - Analog Devices AD9923A Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
AD9923A
Rev. 0 | Page 28 of 88
Table 15. V-Sequence Registers 1
Register
Length
(Bits)
Range
Description
HOLD
1
On/off
Use in conjunction with VMASK. 1 = hold instead of FREEZE/RESUME.
VMASK
2
0 to 3 mask mode
Enables the masking of XV1 to XV13 outputs at the locations specified by
the FREEZE/RESUME registers.
0 = no mask.
1 = enable FREEZE1/RESUME1.
2 = enable FREEZE2/RESUME2.
3 = enable both FREEZE1/RESUME1 and FREEZE2/RESUME2.
HDLEN
13
0 to 8191 pixels
HD line length in each V-sequence.
XV1POL to
XV13POL
1
High/low
Start polarity for each XV1 to XV13 output.
GROUPSEL
12
1b for each XV output
Assigns each XV1 to XV13 output to either V-Pattern Group A or
V-Pattern Group B.
0 = assigns to VPATSELA.
1 = assigns to VPATSELB.
TWO_GROUP
1
High/low
When high, all XV outputs combine Group A and Group B.
VPATSELA
5
0 to 31 V-pattern number
Selected V-pattern for Group A.
VPATSELB
5
0 to 31 V-pattern number
Selected V-pattern for Group B. If SPVTP_ENABLE = 1, VPATSELB is used
for second VTP inserted in SPVTP_ACTLINE.
VPATA_MODE
2
0 to 3 repetition mode
Selects alternation repetition mode for Group A only.
0 = disable alternation, use VREPA_1 for all lines.
1 = 2-line. Alternate VREPA_1 and VREPA_2 (same as odd/even).
2 = 3-line. Alternate VREPA_1, VREPA_2, and VREPA_3.
3 = 4-line. Alternate VREPA_1, VREPA_2, VREPA_3, and VREPA_4.
VSTARTA
13
0 to 8191 pixel location
Start position for the selected V-Pattern Group A.
VSTARTB
13
0 to 8191 pixel location
Start position for the selected V-Pattern Group B. If SPVTP_ENABLE = 1,
VSTARTB is used for start position of VPATSELB in SPVTP_ACTLINE.
VLENA
13
0 to 8191 pixels
Length of selected V-Pattern Group A.
VLENB
13
0 to 8191 pixels
Length of selected V-Pattern Group B.
VREPB_ODD
12
0 to 4095 repeats
Number of repetitions for the V-Pattern Group B for odd lines.
If no alternation is required for Group B, set VREPB_ODD equal to
VREPB_EVEN.
VREPB_EVEN
12
0 to 4095 repeats
Number of repetitions for the V-Pattern Group B for even lines.
If no alternation is required for Group B, set VREPB_EVEN equal to
VREPB_ODD.
VREPA_1
12
0 to 4095 repeats
Number of repetitions for the V-Pattern Group A for first lines (odd).
VREPA_2
12
0 to 4095 repeats
Number of repetitions for the V-Pattern Group A for second lines (even).
VREPA_3
12
0 to 4095 repeats
Number of repetitions for the V-Pattern Group A for third lines.
VREPA_4
12
0 to 4095 repeats
Number of repetitions for the V-Pattern Group A for fourth lines.
FREEZE1
13
0 to 8191 pixel location
Pixel location where the XV outputs freeze or hold (see VMASK).
RESUME1
13
0 to 8191 pixel location
Pixel location where the XV outputs resume operation (see VMASK).
FREEZE2
13
0 to 8191 pixel location
Pixel location where the XV outputs freeze or hold (see VMASK).
RESUME2
13
0 to 8191 pixel location
Pixel location where the XV outputs resume operation (see VMASK).
SPVTP_ACTLINE
12
0 to 4095 line location
Active line for second VTP insertion.
SPVTP_ENABLE
1
High/low
When high, second VTP is inserted into SPVTP_ACTLINE.
1 See Table 11 and Table 12 for CLPOB, PBLK, and HBLK registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com