Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 77 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9923A Datasheet HTML 73Page - Analog Devices AD9923A Datasheet HTML 74Page - Analog Devices AD9923A Datasheet HTML 75Page - Analog Devices AD9923A Datasheet HTML 76Page - Analog Devices AD9923A Datasheet HTML 77Page - Analog Devices AD9923A Datasheet HTML 78Page - Analog Devices AD9923A Datasheet HTML 79Page - Analog Devices AD9923A Datasheet HTML 80Page - Analog Devices AD9923A Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 88 page
background image
AD9923A
Rev. 0 | Page 77 of 88
Address
(Hex)
Data
Bits
Default
Value
Update
Type
Name
Description
71
[11:0]
0
VD
SHUT0_OFF_LN
SHUT0 line off position.
[12]
0
Unused
Must be set to 0.
[25:13]
0
VD
SHUT0_OFF_PX
SHUT0 pixel off position.
72
[0]
0
VD
SHUT1_ON
SHUT1 manual control of signal.
0: off.
1: on.
[1]
1
SHUT1POL
SHUT1 active polarity. 1 = on state produces high output.
[2]
0
SHUT1_MAN
SHUT1 manual control enable.
0: disable.
1: enable manual control.
73
[11:0]
0
VD
SHUT1_ON_FD
SHUT1 field on position. Ignored during manual or nonshutter mode.
74
[11:0]
0
VD
SHUT1_ON_LN
SHUT1 line on position.
[12]
0
Unused
Must be set to 0.
[25:13]
0
VD
SHUT1_ON_PX
SHUT1 pixel on position.
75
[11:0]
0
VD
SHUT1_OFF_FD
SHUT1 field off position. Ignored during manual or nonshutter mode.
76
[11:0]
0
VD
SHUT1_OFF_LN
SHUT1 line off position.
[12]
0
Unused
Must be set to 0.
[25:13]
0
VD
SHUT1_OFF_PX
SHUT1 pixel off position.
77
[0]
0
VD
SHUT2_ON
SHUT2 manual control of signal.
0: off.
1: on.
[1]
1
SHUT2POL
SHUT2 active polarity. 1: on state produces high output.
[2]
0
SHUT2_MAN
SHUT2 manual control enable.
0: disable.
1: enable manual control.
78
[11:0]
0
VD
SHUT2_ON_FD
SHUT2 field on position. Ignored during manual or nonshutter mode.
79
[11:0]
0
VD
SHUT2_ON_LN
SHUT2 line on position.
[12]
0
Unused
Must be set to 0.
[25:3]
0
VD
SHUT2_ON_PX
SHUT2 pixel on position.
7A
[11:0]
0
VD
SHUT2_OFF_FD
SHUT2 field off position. Ignored during manual or nonshutter mode.
7B
[11:0]
0
VD
SHUT2_OFF_LN
SHUT2 line off position.
[12]
0
Unused
Must be set to 0.
[25:13]
0
VD
SHUT2_OFF_PX
SHUT2 pixel off position.
7C
[0]
0
VD
SHUT3_ON
SHUT3 manual control of signal.
0: off.
1: on.
[1]
1
SHUT3POL
SHUT3 active polarity. 1: on state produces high output.
[2]
0
SHUT3_MAN
SHUT3 manual control enable.
0: disable.
1: enable manual control.
7D
[11:0]
0
VD
SHUT3_ON_FD
SHUT3 field on position. Ignored during manual or nonshutter mode.
7E
[11:0]
0
VD
SHUT3_ON_LN
SHUT3 line on position.
[12]
0
Unused
Must be set to 0.
[25:13]
0
VD
SHUT3_ON_PX
SHUT3 pixel on position.
7F
[11:0]
0
VD
SHUT3_OFF_FD
SHUT3 field off position. Ignored during manual or nonshutter mode.
80
[11:0]
0
VD
SHUT3_OFF_LN
SHUT3 line off position.
[12]
0
Unused
Must be set to 0.
[25:13]
0
VD
SHUT3_OFF_PX
SHUT3 pixel off position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com