Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 83 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9923A Datasheet HTML 79Page - Analog Devices AD9923A Datasheet HTML 80Page - Analog Devices AD9923A Datasheet HTML 81Page - Analog Devices AD9923A Datasheet HTML 82Page - Analog Devices AD9923A Datasheet HTML 83Page - Analog Devices AD9923A Datasheet HTML 84Page - Analog Devices AD9923A Datasheet HTML 85Page - Analog Devices AD9923A Datasheet HTML 86Page - Analog Devices AD9923A Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
AD9923A
Rev. 0 | Page 83 of 88
Address
(Hex)
Data Bits
Default
Value
Update
Type
Name
Description
07
[12:0]
Undefined
SCP
VREPA_3
Number of repetitions for V-pattern Group A for third lines,
or first HBLK toggle position for odd lines.
[25:13]
Undefined
VEPA_4
Number of repetitions for V-pattern Group A for fourth
lines, or second HBLK toggle position for odd lines.
08
[12:0]
Undefined
SCP
FREEZE1
Holds the XV1 to XV13 outputs at their current levels, or
third HBLK toggle position for odd lines.
[25:13]
Undefined
RESUME1
Resumes the operation of XV1 to XV13 outputs to finish the
pattern, or fourth HBLK toggle position for odd lines.
09
[12:0]
Undefined
SCP
FREEZE2
Holds the XV1 to XV13 outputs at their current levels, or
fifth HBLK toggle position for odd lines.
[25:13]
Undefined
RESUME2
Resumes the operation of XV1 to XV13 outputs to finish the
pattern, or sixth HBLK toggle position for odd lines.
0A
[12:0]
Undefined
SCP
HBLKTOGE1
First HBLK toggle position for even lines.
[25:13]
Undefined
HBLKTOGE2
Second HBLK toggle position for even lines.
0B
[12:0]
Undefined
SCP
HBLKTOGE3
Third HBLK toggle position for even lines.
[25:13]
Undefined
HBLKTOGE4
Fourth HBLK toggle position for even lines.
0C
[12:0]
Undefined
SCP
HBLKSTART
Start location for HBLK in Alternation Mode 4 to Alternation
Mode 7, or fifth HBLK toggle position for even lines.
[25:13]
Undefined
HBLKEND
End location for HBLK in Alternation Mode 4 to Alternation
Mode 7, or sixth HBLK toggle position for even lines.
0D
[12:0]
Undefined
SCP
HBLKLEN
HBLK length in HBLK Alternation Mode 4 to Alternation
Mode 7.
[20:13]
Undefined
HBLKREP
Number of HBLK repetitions in HBLK Alternation Mode 4 to
Alternation Mode 7.
[21]
Undefined
HBLKMASK_H1
Masking polarity for H1 during HBLK.
[22]
Undefined
HBLKMASK_H3
Masking polarity for H3 during HBLK.
[23]
Undefined
HBLKMASK_HL
Masking polarity for HL during HBLK.
0E
[12:0]
Undefined
SCP
CLPOBTOG1
CLPOB Toggle Position 1.
[25:13]
Undefined
CLPOBTOG2
CLPOB Toggle Position 2.
0F
[12:0]
Undefined
SCP
PBLKTOG1
PBLK Toggle Position 1.
[25:13]
Undefined
PBLKTOG2
PBLK Toggle Position 2.
10
[25:0]
Undefined
SCP
UNUSED
Must be set to 0.
11
[11:0]
Undefined
SCP
SPXV_ACT
Special XV-pattern active line.
[12]
Undefined
UNUSED
Must be set to 0.
[13]
Undefined
SPXV_EN
Special XV-pattern enable (active high).
12
[25:0]
Undefined
SCP
UNUSED
Must be set to 0.
13
[25:0]
Undefined
SCP
UNUSED
Must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com