Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 78 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9923A Datasheet HTML 74Page - Analog Devices AD9923A Datasheet HTML 75Page - Analog Devices AD9923A Datasheet HTML 76Page - Analog Devices AD9923A Datasheet HTML 77Page - Analog Devices AD9923A Datasheet HTML 78Page - Analog Devices AD9923A Datasheet HTML 79Page - Analog Devices AD9923A Datasheet HTML 80Page - Analog Devices AD9923A Datasheet HTML 81Page - Analog Devices AD9923A Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
AD9923A
Rev. 0 | Page 78 of 88
Table 52. Memory Configuration Registers
Address
(Hex)
Data
Bits
Default
Value
Update
Name
Description
90
[4:0]
0
VD
VPAT_NUM
Total number of V-pattern groups.
91
[4:0]
0
VD
VSEQ_NUM
Total number of V-sequences.
Table 53. Standby Polarity, Shutter Mux, and FG_TRIG Registers
Address
(Hex)
Data
Bits
Default
Value
Update
Name
Description
E2
[24:0]
0
SCK
STANDBY3POL
Programmable polarities for vertical and shutter outputs during Standby 3.
[0] = XV1 polarity.
[1] = XV2 polarity.
[2] = XV3 polarity.
[3] = XV4 polarity.
[4] = XV5 polarity.
[5] = XV6 polarity.
[6] = XV7 polarity.
[7] = XV8 polarity.
[8] = XV9 polarity.
[9] = XV10 polarity.
[10] = XV11 polarity.
[11] = XV12 polarity.
[12] = XV13 polarity.
[13] = VSG1 polarity.
[14] = VSG2 polarity.
[15] = VSG3 polarity.
[16] = VSG4 polarity.
[17] = VSG5 polarity.
[18] = VSG6 polarity.
[19] = VSG7 polarity.
[20] = VSG8 polarity.
[21] = XSUBCK polarity.
[22] = VSUB polarity.
Note: controls polarity for Standby 1, Standby 2, Standby 3, or if
OUTCONTROL = low.
[23] = MSHUT polarity.
Note: controls polarity for Standby 1, Standby 2, Standby 3, or if
OUTCONTROL = low.
[24] = STROBE polarity.
Note: controls polarity for Standby 1, Standby 2, Standby 3, or if
OUTCONTROL = low.
E6
[0]
0
SCK
VCNT_RUN
0: counters behave the same as AD9923 in sweep region.
1: enables additional toggles after last repeat of sweep region.
EA
[9:0]
0
SCK
TEST3
Required start-up register; must be set to 0x60
EB
[11:0]
300
SCK
TEST4
Test register.
[12]
0
SCK
VSUB0_MUX
0: use VSUB0, 1: Use SHUT0 ^ VSUB0.
[13]
0
SCK
VSUB1_MUX
0: use VSUB1, 1: Use SHUT0 ^ VSUB1.
[14]
0
SCK
TEST5
Test register. Set to 0.
[15]
0
SCK
SHUT1_SHUT2_MUX
0: use SHUT0 ^ SHUT1.
1: Use SHUT0 ^ SHUT2.
F1
[3:0]
0
SCK
FG_TRIGEN
FG_TRIG operation enable and field count selection.
[2:0] Selects field count for pulse (based on mode field counter).
[3] = 1 to enable FG_TRIG signal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com