Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 56 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9923A Datasheet HTML 52Page - Analog Devices AD9923A Datasheet HTML 53Page - Analog Devices AD9923A Datasheet HTML 54Page - Analog Devices AD9923A Datasheet HTML 55Page - Analog Devices AD9923A Datasheet HTML 56Page - Analog Devices AD9923A Datasheet HTML 57Page - Analog Devices AD9923A Datasheet HTML 58Page - Analog Devices AD9923A Datasheet HTML 59Page - Analog Devices AD9923A Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
AD9923A
Rev. 0 | Page 56 of 88
6dB ~ 42dB
CCDIN
CLI
DIGITAL
FILTER
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
12-BIT
ADC
VGA
DAC
8
CDS
INTERNAL
VREF
2V FULL SCALE
PRECISION
TIMING
GENERATION
SHP
SHD
1.5V
OUTPUT
DATA
LATCH
REFT
REFB
DOUT PHASE
V-H
TIMING
GENERATION
SHP SHD
DOUT
PHASE
CLPOB PBLK
PBLK
1.0V
2.0V
DOUT
DCLK
AD9923A
0.1µF
VGA GAIN
REGISTER
0.1µF 0.1µF
CLAMP LEVEL
REGISTER
12
DOUT
DLY
DCLK
MODE
FIXED
DELAY
CLI
1
0
Figure 73. Analog Front End Functional Block Diagram
ANALOG FRONT END DESCRIPTION/OPERATION
The AD9923A signal processing chain is shown in Figure 73.
Each step is essential to achieve a high quality image from the
raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc restore
circuit is used with an external 0.1 μF series coupling capacitor.
This restores the dc level of the CCD signal to approximately 1.5 V
so that it is compatible with the 3 V supply voltage of the AD9923A.
Correlated Double Sampler
The CDS circuit samples each CCD pixel twice to extract video
information and reject low frequency noise. The timing shown in
Figure 20 illustrates how the two internally generated CDS
clocks, SHP and SHD, are used to sample the reference and data
levels of the CCD signal, respectively. The placement of the SHP
and SHD sampling edges is determined by the setting of the
SHPLOC and SHDLOC registers located at Address 0x37.
Placement of these clock signals is critical to achieve the best
CCD performance.
The CDS gain can be set to −3 dB, 0 dB (default), +3 dB, or +6 dB
in the CDSGAIN register, Address 0x04. The +3 dB and +6 dB
settings improve noise performance, but reduce the input range
(see Figure 8).
Variable Gain Amplifier
The VGA stage provides gain in the range of 6 dB to 42 dB,
programmable with 10-bit resolution through the serial digital
interface. A minimum gain of 6 dB is needed to match a 1 V input
signal with an ADC full-scale range of 2 V. When compared to 1 V
full-scale systems, the equivalent range of gain is 0 dB to 36 dB.
The VGA gain curve follows a linear-in-dB characteristic. The
exact VGA gain can be calculated for any gain register value
using the following equation
Gain (dB) = (0.0358 × Code) + 5.5 dB
where the code range is 0 to 1023.
VGA GAIN REGISTER CODE
42
36
30
24
18
12
6
0
127
255
383
511
639
767
895
1023
Figure 74. VGA Gain Curve
ADC
The AD9923A uses a high performance ADC architecture
optimized for high speed and low power. Differential nonlin-
earity (DNL) performance is typically better than 1 LSB. The
ADC uses a 2 V input range. See Figure 6 and Figure 8 for
typical linearity and noise performance plots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com