Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 85 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9923A Datasheet HTML 80Page - Analog Devices AD9923A Datasheet HTML 81Page - Analog Devices AD9923A Datasheet HTML 82Page - Analog Devices AD9923A Datasheet HTML 83Page - Analog Devices AD9923A Datasheet HTML 84Page - Analog Devices AD9923A Datasheet HTML 85Page - Analog Devices AD9923A Datasheet HTML 86Page - Analog Devices AD9923A Datasheet HTML 87Page - Analog Devices AD9923A Datasheet HTML 88Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
AD9923A
Rev. 0 | Page 85 of 88
OUTLINE DIMENSIONS
SEATING
PLANE
DETAIL A
0.45
0.40
0.35
BALL DIAMETER
0.10 MAX
COPLANARITY
0.65 BSC
6.50
BSC SQ
A
B
C
D
E
F
G
J
H
K
10
11
8 7 63 2 1
9
5 4
0.91 MIN
A1 CORNER
INDEX AREA
*1.40
1.31
1.16
TOP VIEW
8.00
BSC SQ
A1 BALL
CORNER
DETAIL A
BOTTOM
VIEW
0.25 MIN
L
*COMPLIANT TO JEDEC STANDARDS MO-225
WITH THE EXCEPTION TO PACKAGE HEIGHT.
Figure 89. 105-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-105)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9923ABBCZ1
−25°C to +85°C
105-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-105
AD9923ABBCZRL1
−25°C to +85°C
105-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
BC-105
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com