Electronic Components Datasheet Search
  English  ▼

X  

AD9923A Datasheet(PDF) 76 Page - Analog Devices

Part # AD9923A
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923A Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9923A Datasheet HTML 72Page - Analog Devices AD9923A Datasheet HTML 73Page - Analog Devices AD9923A Datasheet HTML 74Page - Analog Devices AD9923A Datasheet HTML 75Page - Analog Devices AD9923A Datasheet HTML 76Page - Analog Devices AD9923A Datasheet HTML 77Page - Analog Devices AD9923A Datasheet HTML 78Page - Analog Devices AD9923A Datasheet HTML 79Page - Analog Devices AD9923A Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
AD9923A
Rev. 0 | Page 76 of 88
Address
(Hex)
Data
Bits
Default
Value
Update
Type
Name
Description
[6]: EXPOSURE.
[7]: READOUT.
Note that if EXPOSURE and READOUT are triggered together,
READOUT occurs immediately after the exposure is complete.
62
[2:0]
2
VD
READOUTNUM
Number of fields to suppress the SUBCK pulses during READOUT.
63
[11:0]
0
VD
EXPOSURENUM
Number of fields to suppress the SUBCK and VSG pulses during
exposure.
[12]
0
VDHDOFF
Disable VD and HD during exposure.
0: enable.
1: disable.
64
[11:0]
0
SG
SUBSUPPRESS
Number of SUBCK pulses to suppress after VSG line.
[23:12]
0
SUBCKNUM
Number of SUBCK pulses per field.
65
[1:0]
0
SG
SUBCKMASK
Additional masking of SUBCK output.
0: no mask.
1: begin mask on VD edge.
2: mask using internal SHUT3 signal.
3: same as 1 and 2 (1 has priority).
66
[0]
1
SG
SUBCKPOL
SUBCK pulse start polarity.
67
[12:0]
1FFF
SG
SUBCK1TOG1
First SUBCK Pulse Toggle Position 1.
[25:13]
1FFF
SUBCK1TOG2
First SUBCK Pulse Toggle Position 2.
68
[12:0]
1FFF
SG
SUBCK2TOG1
Second SUBCK Pulse Toggle Position 1.
[25:13]
1FFF
SUBCK2TOG2
Second SUBCK Pulse Toggle Position 2.
69
[0]
0
VD
VSUB0_MODE
VSUB0 readout mode.
0: Mode 0.
1: Mode 1.
[1]
0
VSUB0_KEEPON
VSUB0 keep-on mode.
0: turn VUB0 off after READOUT or at next VD.
1: keep VSUB0 active beyond READOUT, until reset to 0.
6A
[11:0]
0
VD
VSUB0_ON
VSUB0 on position.
[12]
0
Unused
Must be set to 0.
[13]
1
VSUB0POL
VSUB0 start polarity.
6B
[0]
0
VD
VSUB1_MODE
VSUB1 readout mode.
0: Mode 0.
1: Mode 1.
[1]
0
VSUB1_KEEPON
VSUB1 keep on mode.
1: keep VSUB1 active beyond readout.
6C
[11:0]
0
VD
VSUB1_ON
VSUB1 on position.
[12]
0
Unused
Must be set to 0.
[13]
1
VSUB1POL
VSUB1 start polarity.
6D
[0]
0
VD
SHUT0_ON
SHUT0 manual control of signal.
0: off.
1: on.
[1]
1
SHUT0POL
SHUT0 active polarity. 1: on state produces high output.
[2]
0
SHUT0_MAN
SHUT0 manual control enable.
0: disable.
1: enable manual control.
6E
[11:0]
0
VD
SHUT0_ON_FD
SHUT0 field on position. Ignored during manual or nonshutter mode.
6F
[11:0]
0
VD
SHUT0_ON_LN
SHUT0 line on position.
[12]
0
Unused
Must be set to 0.
[25:13]
0
VD
SHUT0_ON_PX
SHUT0 pixel on position.
70
[11:0]
0
VD
SHUT0_OFF_FD
SHUT0 field off position. Ignored during manual or nonshutter mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com