Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT1025WS Datasheet HTML 1Page - Richtek Technology Corporation RT1025WS Datasheet HTML 2Page - Richtek Technology Corporation RT1025WS Datasheet HTML 3Page - Richtek Technology Corporation RT1025WS Datasheet HTML 4Page - Richtek Technology Corporation RT1025WS Datasheet HTML 5Page - Richtek Technology Corporation RT1025WS Datasheet HTML 6Page - Richtek Technology Corporation RT1025WS Datasheet HTML 7Page - Richtek Technology Corporation RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS1025-01
July
2022
www.richtek.com
3
Typical Application Circuit
Using RT1025 for ECG/PPG Sensing
RT1025
GND_D
AVDD28
AVDD_HV
GND_HV
VRLD
INP_ECG
ECG
Electrode
INN_ECG
INP_PPG
INN_PPG
TX1
TX2
Boost
GND_A
DVDDIO
DVDD18
2.8V
2.8V
1.8V to 3.6V
1.8V
XTALI
32kHz / NC
RESETB
RESETB
AFE_PWD
AFEPWD
I2C / SPI
I2C / SPI
INT
INT
MCU
2.2µF
2.2µF
2.2µF
1µF
VBG
2.2µF
VRLD
VLX
1k
G7
F7
E7
G5
H6
H2
H1
H4
G3, G6, H3 D1, G1, G2
C3, C5, D2
E1
C1
H7
A5
A4
B7
A1
B6
B4
B1
Functional Pin Description
Pin No.
Pin Name
Type
Pin Function
A1
RESETB
DIO
Reset pin. Can be connected to an external MCU.
A2
SPI_CSN = SDA
DIO
(1) SPI mode : SPI data pin. (SPI_CSN)
(2) I2C mode : I2C data pin. (I2C_SDA)
A3
SPI_CLK = SCL
DIO
(1) SPI mode : SPI clock pin. (SPI_CLK)
(2) I2C mode : I2C clock pin. (I2C_SCL)
A4
DVDDIO
P
Digital IO supply. 2.2
µF decoupling capacitor to ground.
A5
DVDD18
P
Digital supply. 2.2
µF decoupling capacitor to ground.
A6
GND
DIO
Tied to ground.
A7
XTALO
AIO
Crystal oscillator pins. Connect an external 32kHz crystal with 22pF
decoupling capacitor. If with external clock source, leave floating.
B1
INT
DO
Interrupt pin. Can be connected to an external MCU.
B2, B5, C2,
C6, D6, D7
RSV
DIO
Reserve for testing. (leave floating)
B3
SPI_MISO
DIO
SPI serial out master in.
B4
I2C_SEL
DIO
(1) SPI mode : please keep I2C_SEL low.
(2) I2C mode : please keep I2C_SEL high.
B6
AFE_PWD
DIO
Power down pin. Can be connected to an external MCU
B7
XTALI
AIO
Crystal oscillator pins. Connect an external 32kHz crystal with 22pF
decoupling capacitor. It can be connected to an external 32kHz clock
source.
C1
AVDD_HV
P
PPG LED driver power. 2.2
µF decoupling capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com