Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 14Page - Richtek Technology Corporation RT1025WS Datasheet HTML 15Page - Richtek Technology Corporation RT1025WS Datasheet HTML 16Page - Richtek Technology Corporation RT1025WS Datasheet HTML 17Page - Richtek Technology Corporation RT1025WS Datasheet HTML 18Page - Richtek Technology Corporation RT1025WS Datasheet HTML 19Page - Richtek Technology Corporation RT1025WS Datasheet HTML 20Page - Richtek Technology Corporation RT1025WS Datasheet HTML 21Page - Richtek Technology Corporation RT1025WS Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
18
Interrupts
To facilitate MCU programming and sensor data flow control, the RT1025 supports various interrupts for each
function. The INT_CON register enables or disables interrupts on various events. Host MCU can identify the exact
cause of interrupt by reading the INT_STATUS register. Below table lists supported interrupts and their usage.
Interrupt
Description
SRAM_ECG
ECG SRAM threshold level is reached
SRAM_ECG_WFULL
ECG SRAM is full.
SRAM_ECG_REMPTY
ECG SRAM is empty
SRAM_PPG1
PPG1 SRAM threshold level is reached
SRAM_PPG1_WFULL
PPG1 SRAM is full
SRAM_PPG1_REMPTY
PPG1 SRAM is empty
SRAM_PPG2
PPG2 SRAM threshold level is reached
SRAM_PPG2_WFULL
PPG2 SRAM is full
SRAM_PPG2_REMPTY
PPG2 SRAM is empty
SRAM_HBI
HBI SRAM threshold level is reached
SRAM_HBI_WFULL
HBI SRAM is full
SRAM_HBI_REMPTY
HBI SRAM is empty
PPG Channel
The LED driver and the external voltage boost are used
to light up the external LED. The LED full scale current
range is from 10mA to 105mA with a 3-bit current step
of 15mA via DAC register setting. Push-Pull mode and
H-Bridge mode of the LED driver schemes are
supported. Suggest to use Push-Pull LED driving
configuration as shown in below figure. The minimum
external
supply
voltage
(LED_SUP)
=
0.7V
+
(maximum voltage drop across the LED).
LED DRV
TX1
TX2
LED SUP
Boost
LED DRV
TX1
TX2
Push-Pull Mode
H-Bridge Mode
LED SUP
Boost
PPG Channel - Receiver Front-End
As shown in the block diagram for PPG acquisition, the
photo detector transfers the reflected light into current
and then amplifies by TIA that converts the input
photodiode
current
into
an
appropriate
voltage.
TIA_Filter was controlled by the register for the input
current low pass filter tuning. PGA_Gain was used to
set the PGA Gain. AMB_DAC control the current
source to cancel the ambient light leakage from photo
detector. The AMB_DAC has a cancellation current
range of 6
µA with six steps (1µA each) for two phases
(LED1/LED2 phase and AMB1/AMB2 phase). The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com