Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 16Page - Richtek Technology Corporation RT1025WS Datasheet HTML 17Page - Richtek Technology Corporation RT1025WS Datasheet HTML 18Page - Richtek Technology Corporation RT1025WS Datasheet HTML 19Page - Richtek Technology Corporation RT1025WS Datasheet HTML 20Page - Richtek Technology Corporation RT1025WS Datasheet HTML 21Page - Richtek Technology Corporation RT1025WS Datasheet HTML 22Page - Richtek Technology Corporation RT1025WS Datasheet HTML 23Page - Richtek Technology Corporation RT1025WS Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
20
PPG Channel - Dynamic Power Down Mode : PRF = 64 to 4096 SPS and duty = 1.5 to 25%
Phase1 SAMPLED1
Phase2 SAMPAMB1
Phase3 SAMPLED2
Phase4 SAMPAMB2
Phase1 CONVLED1
Phase2 CONVAMB1
Phase3 CONVLED2
Phase4 CONVAMB2
ADC RESET
ADC / FE PWD
1/PRF
PPG
TX signal
Ambient
PPG1
PPG2
LED1 (N)
LED2 (N)
AMB1 (N) AMB2 (N)
LED1 (N+1)
AMB1 (N+1) AMB2 (N+1)
LED2 (N+1)
ECG Channel
Below figure shows show the analog/digital parts of
ECG system. The ECG channel supports two-electrode
(2E) mode and right leg drive (RLD) mode, and acts as
a buffer between human and circuit. It integrates a
programmable gain amplifier (PGA), a right leg drive
amplifier, and a 24-bit sigma-delta analog-to-digital
converter (ADC) to sense and digitize the ECG signal.
The PGA is a differential input/differential output, and
has seven gain settings (1, 2, 3, 4, 6, 8, and 12). The
sampling frequency of ECG ADC is adjustable from
64Hz to 4096Hz. There are two extra samples (data = 0)
when doing first time sample ECG.
ECG
PGA
ECG
ADC
CIC
FILTER
INP_ECG
INN_ECG
PGA_Gain
ECG
SRAM
VRLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com