Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation RT1025WS Datasheet HTML 10Page - Richtek Technology Corporation RT1025WS Datasheet HTML 11Page - Richtek Technology Corporation RT1025WS Datasheet HTML 12Page - Richtek Technology Corporation RT1025WS Datasheet HTML 13Page - Richtek Technology Corporation RT1025WS Datasheet HTML 14Page - Richtek Technology Corporation RT1025WS Datasheet HTML 15Page - Richtek Technology Corporation RT1025WS Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
12
Power on Sequence
Below figure shows the power on sequence for the device supply voltage and control signals.
I2C/SPI command
PPG External Boost
Voltage
AFE_PWD
RESETB
AVDD_HV
AVDD28
DVDDIO
DVDD18
Power ON
Active
Idle
Active
Power OFF
5ms
45ms
5ms
45ms
Note
Note
Note : Settling time of the PPG external boost voltage source
SPI / I2C Interface
The RT1025 device contains both I2C slave and SPI slave interfaces which share some pins. Only one of the
interface can be operated after the device completes POR or a hard reset. I2C interface supports fast mode (bit rate
up to 400kB/s). SPI interface operate at 2MHz. I2C or SPI interface was selected by pin I2C_SEL (B4). The I2C
device address depends upon the state of pin SPI_MOSI (E2) during power-up as shown in the table below.
I/O Pin
I2C_SEL (B4)
SPI_MOSI (E2)
Reg 7-bit Address
Reg 7-bit Address
Reg_0
Reg_1
I2C
Logic High
Logic High
0x37
0x27
Logic Low
0x33
0x23
SPI
Logic Low
SPI slave input
0x33
0x23
I2C Interface
The I2C slave interface operates at a maximum speed of 400KHz in I2C “Fast Mode”. The SDA (data) is an Active
drive/wired-and, bi-directional pin and the SCL (clock) is an input pin. The device always operates as an I2C slave
and only uses 7-bit addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com