Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 4Page - Richtek Technology Corporation RT1025WS Datasheet HTML 5Page - Richtek Technology Corporation RT1025WS Datasheet HTML 6Page - Richtek Technology Corporation RT1025WS Datasheet HTML 7Page - Richtek Technology Corporation RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation RT1025WS Datasheet HTML 10Page - Richtek Technology Corporation RT1025WS Datasheet HTML 11Page - Richtek Technology Corporation RT1025WS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
8
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Common-Mode Rejection
fCM = 50Hz, 60Hz
--
85
--
dB
Power-Supply Rejection
fPS = 50Hz, 60Hz
100
--
--
dB
Total Harmonic Distortion
THD
100Hz,
−0.5dBFs
--
78
--
dB
100Hz,
−20dBFs
--
105
--
dB
PPG
PPG Full-Signal Chain
Full-Scale Input Current
INFS
RF = 10k
Ω
--
50
--
µA
RF = 25k
Ω
--
20
--
RF = 50k
Ω
--
10
--
RF = 100k
Ω
--
5
--
RF = 250k
Ω
--
2
--
RF = 50k
Ω
--
1
--
RF = 1M
Ω
--
0.5
--
Pulse Repetition Frequency
PRF
64
--
4096
SPS
PRF Duty Cycle
DutyPRF
1
--
25
%
Common-Mode Rejection
Ratio
CMRR
fCM = 50Hz and 60Hz,
RSERIES = 100k
Ω, RF =
100KΩ
--
80
--
dB
Power-Supply Rejection
Ratio
PSRR
fCM = 50Hz and 60Hz,
PRF = 125Hz
80
--
--
dB
Power-Supply Rejection
Ratio
Total Integrated Noise
Current, Input Referred
(Receiver with Transmitter
Loop Back, 0.1Hz to 20Hz
Bandwidth)
RF = 100k
Ω with stage2 gain = 1.5,
PRF = 1300Hz, duty cycle = 5%
--
52
--
dB
RF = 500k
Ω with ambient
cancellation enabled and stage2
gain = 6, PRF = 1300Hz, duty
cycle = 25%
--
7.2
--
pArms
PPG Receiver Functional Block Level Specification
Total Integrated Noise
Current, Input Referred
(Receiver Alone) Over 0.1Hz
to 5Hz Bandwidth
RF = 500k
Ω with ambient
cancellation enabled and stage2
gain = 6, PRF = 1300Hz, duty
cycle = 25%
--
1.25
--
pArms
RF = 500k
Ω with ambient
cancellation enabled and stage2
gain = 6, PRF = 1300Hz, duty
cycle = 5%
--
3.85
--
PPG I-V Transimpedance Amplifier
Feedback Resistance
RF
--
10k,
25k,
50k,
100k,
250k,
500k,
1M
--
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com