Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT1025WS Datasheet HTML 1Page - Richtek Technology Corporation RT1025WS Datasheet HTML 2Page - Richtek Technology Corporation RT1025WS Datasheet HTML 3Page - Richtek Technology Corporation RT1025WS Datasheet HTML 4Page - Richtek Technology Corporation RT1025WS Datasheet HTML 5Page - Richtek Technology Corporation RT1025WS Datasheet HTML 6Page - Richtek Technology Corporation RT1025WS Datasheet HTML 7Page - Richtek Technology Corporation RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS1025-01
July
2022
www.richtek.com
1
Low-Power,
Integrated
ECG/PPG
AFE
for
Heart-Rate
Monitoring and Measurements
General Description
The
RT1025
is
an
integrated
AFE
solution
for
Heart-Rate monitoring and measurements. The RT1025
integrates low noise voltage and current sensing
channels
and
is
capable
of
sensing
ECG
(Electrocardiography) and PPG (Photoplethysmography)
simultaneously. The RT1025 have > 100dB dynamic
range and can sense pulses accurately by detecting the
heart’s electric signals. The sampling rates of the
high-precision voltage and current sensing channels in
the RT1025 are configurable between 64 to 4kHz. The
RT1025 solution need only few discrete components
and is easy to use for low-power medical ECG/PPG,
sports, and fitness applications. With high levels of
integration and high-precision voltage and current
sensing channels, the RT1025 solution is suitable for
scalable medical instrumentation systems.
The RT1025 is available in a 3.1mm x 3.4mm, 41-Ball,
0.4mm pitch, WL-CSP package.
Ordering Information
RT1025
Package Type
WS : WL-CSP-41B 3.10x3.48 (BS)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable
for
use
in
SnPb
or
Pb-free
soldering
processes.
Marking Information
RT1025WS : Product Number
YYWW : Date code
AABB : Version, fad, OSAT & Pb free code
XXXXXXXX : Lot ID number
RT1025WS
YYWW-AABB
XXXXXXXX
Features
ECG Channel Feature
Supports Two-Electrode (2E) Mode and Right
Leg Drive (RLD) Mode
Low Noise PGA and High Resolution ADC
Input Impedance : 125M to 500M
Ω at
Two-Electrode Mode and > 1G
Ω at Right Leg
Drive Mode
Low Input-Referred Noise : 0.67
µVrms (64Hz
ODR, Gain = 12)
Dynamic Range : 110dB at Gain = 6
CMRR > 85dB at 60Hz
Data rate : 64SPS to 4k SPS
PPG Channel Feature
Flexible Timing Control and Support Dynamic
Power Down
TX Supports H-bridge and Push/Pull Mode
TX LED Current Range : 10 / 25 / 35 / 50 / 65 / 75
/ 90 / 105mA, Each with 8-bit Current
Resolution
Input Maximum Current Range : 0.5 to 50
µA
Input Maximum Capacitance : 1nF
Input-Referred Noise : 50pArms at 5
µA Input
Current
CMRR > 80dB at 60Hz
PGA Gain : 1 to 6V/V
Ambient DAC1/DAC2 Range : 1 to 6
µA
Others
2-in-1 Bio-Sensing AFE (Voltage/Current)
Built-In Heartbeat Interval Estimation
Integrates an Oscillator to offer High-Precision
Clock with External Crystal
Support I2C and SPI I/F for MCU
On-Chip SRAM for Data Buffering
Ultra-Low Power Consumption
Operating Temperature Range : –20
°C to 65°C
Small 3.1mm x 3.4mm, 41-Ball, 0.4mm Pitch,
and WL-CSP Package
RoHS Compliant and Halogen Free


Similar Part No. - RT1025WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RT1020 NXP-RT1020 Datasheet
2Mb / 97P
Crossover processors for industrial products
Rev. 1, 04/2019
More results

Similar Description - RT1025WS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4404 TI-AFE4404_15 Datasheet
1Mb / 80P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
AFE4405 TI1-AFE4405 Datasheet
682Kb / 11P
AFE4405 Ultra-Small, Integrated AFE with FIFO for Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4410 TI1-AFE4410 Datasheet
137Kb / 7P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4410 TI1-AFE4410_17 Datasheet
682Kb / 10P
Ultra-Small, Integrated AFE With FIFO for Wearable, Continuous Optical Heart-Rate Monitoring and Biosensing
AFE4420 TI1-AFE4420 Datasheet
150Kb / 9P
Ultra-Small, Integrated AFE with FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE44S30 TI1-AFE44S30 Datasheet
638Kb / 7P
AFE44S30 Ultra-Small, Integrated AFE With FIFO for Multi-Sensor Wearable, Optical Heart-Rate Monitoring and Bio-Sensing
AFE4950 TI1-AFE4950 Datasheet
141Kb / 5P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
AFE4950 TI-AFE4950_V01 Datasheet
977Kb / 8P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
logo
Texas Instruments
AFE4950 TI-AFE4950_V02 Datasheet
1Mb / 11P
AFE4950 Ultra-Small, Integrated AFE for Wearable Optical Heart-Rate Monitoring, SpO2 and Electrical Bio-sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com