Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 2Page - Richtek Technology Corporation RT1025WS Datasheet HTML 3Page - Richtek Technology Corporation RT1025WS Datasheet HTML 4Page - Richtek Technology Corporation RT1025WS Datasheet HTML 5Page - Richtek Technology Corporation RT1025WS Datasheet HTML 6Page - Richtek Technology Corporation RT1025WS Datasheet HTML 7Page - Richtek Technology Corporation RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation RT1025WS Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
6
Absolute Maximum Ratings
(Note 1)
Supply Voltage, DVDDIO------------------------------------------------------------------------------------------- –0.3V to 4V
Supply Voltage, DVDD18 ------------------------------------------------------------------------------------------ –0.3V to 4V
Supply Voltage, AVDD28------------------------------------------------------------------------------------------- –0.3V to 4V
Supply Voltage, AVDD_HV ---------------------------------------------------------------------------------------- –0.3V to 4.5V
DC Input Current at VIN < 0V or VIN > VDD, IIN ------------------------------------------------------------- –20mA to 20mA
DC Output Current at VOUT < 0V or VOUT > VDD, IOUT------------------------------------------------- –20mA to 20mA
Power Dissipation, PD @ TA = 25°C
WL-CSP-41B 3.10x3.48 (BS) ------------------------------------------------------------------------------------- 3.75W
Package Thermal Resistance
(Note 2)
WL-CSP-41B 3.10x3.48 (BS),
θJA ------------------------------------------------------------------------------- 26.6°C/W
Lead Temperature (Soldering, 10 sec.)------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Ambient Temperature Range -------------------------------------------------------------------------------------
−20°C to 65°C
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Supply Voltage, DVDDIO------------------------------------------------------------------------------------------- 1.62V to 3.3V
Supply Voltage, DVDD18 ------------------------------------------------------------------------------------------ 1.62V to 1.98V
Supply Voltage, AVDD28------------------------------------------------------------------------------------------- 2.66V to 2.94V
Supply Voltage, AVDD_HV (Note 5, 6) ------------------------------------------------------------------------- 3.4V to 4.5V
Electrical Characteristics
(TA = 25°C, 200kHz I
2C interface)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply
Digital IO Voltage Input
DVDDIO
1.62
2.8
3.3
V
Digital Core Circuit Voltage
Input
DVDD18
1.62
1.8
1.98
V
Analog Main Voltage Input
AVDD28
2.66
2.8
2.94
V
Analog Secondary Voltage
Input
AVDD_HV
3.4
4
4.5
V
Idle mode current
IIdle
AVDD28 = 2.8V, AVDD_HV = 4V
DVDD18 = 1.8V, DVDDIO = 2.8V
--
< 7
--
µA
ECG mode current
IECG
AVDD28 = 2.8V, AVDD_HV = 4V
DVDD18 = 1.8V, DVDDIO = 2.8V
--
570
--
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com