Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 6Page - Richtek Technology Corporation RT1025WS Datasheet HTML 7Page - Richtek Technology Corporation RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation RT1025WS Datasheet HTML 10Page - Richtek Technology Corporation RT1025WS Datasheet HTML 11Page - Richtek Technology Corporation RT1025WS Datasheet HTML 12Page - Richtek Technology Corporation RT1025WS Datasheet HTML 13Page - Richtek Technology Corporation RT1025WS Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
10
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CLOCK
External Clock DC Range
DC_XTAL
0
--
2.8
V
External Clock Voltage
V_XTAL
400
--
--
mVpp
External Clock Tolerance
TOLXTAL
−100
--
100
ppm
Others
DIO
Input Logic-High
VIH
0.65 x
VDD
--
VDD+
0.3
V
Input Logic-Low
VIL
−0.3
--
0.35x
VDD
V
Output Logic-High, Push-Pull
VOH
IOH = -1mA
0.75 x
VDD
--
--
V
Output Logic-Low, Push-Pull
VOL
IOL = 1mA
--
--
0.25x
VDD
V
SPI / I2C
Input Logic-High
VIH
0.65 x
VDD
--
VDD
+ 0.3
V
Input Logic-Low
VIL
−0.3
--
0.35 x
VDD
V
Output Logic-High, Push-Pull
VOH
IOH =
−1mA
0.75 x
VDD
--
--
V
Output Logic-Low, Push-Pull
VOL
IOL = 1mA
--
--
0.25 x
VDD
V
I2C SCL Clock Rate
fSCL
--
--
400
kHz
SPI CLK Clock Rate
fSPI_CLK
--
--
2
MHz
Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high
effective-thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precautions are recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. LED external boost voltage – VLED (off state =
no leakage current) ≤ AVDD_HV node voltage (3.4V to 4.2V).
Note 6.
TXP/TXN node voltage ≤ AVDD_HV node voltage ≤ 4.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com