Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 10Page - Richtek Technology Corporation RT1025WS Datasheet HTML 11Page - Richtek Technology Corporation RT1025WS Datasheet HTML 12Page - Richtek Technology Corporation RT1025WS Datasheet HTML 13Page - Richtek Technology Corporation RT1025WS Datasheet HTML 14Page - Richtek Technology Corporation RT1025WS Datasheet HTML 15Page - Richtek Technology Corporation RT1025WS Datasheet HTML 16Page - Richtek Technology Corporation RT1025WS Datasheet HTML 17Page - Richtek Technology Corporation RT1025WS Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
14
greater than 1
µs.
CS
SCK
MOSI
MISO
CMD Field (1 byte)
DATA Field (n byte)
CMD Field (1 byte)
DATA Field (n byte)
Command 1
Command 2
Setup Time
Hold Time
Idle Time
The SPI slave control flow is shown in below.
Start
Config Read/Write
CMD
Read Status
CMD
CFG SUCCESS =1 &
TXRX_FIFO_RDY = 1
Write Status CMD
(clear RD_ERR/
WR_ERR)
Read/Write Data
CMD
SPI Transmission
Read Status
CMD
RDWR_FINISH =1 &
RD_ERR/WR_ERR = 0
End
Y
N
N
Y
First, SPI slave controller transmits “config-read/write”
command to configure the transfer data length and
read/write address of the memory. After the SPI slave
is configured, it can send/receive data package with
SPI master by “read/write-data” command. In each
state, SPI master transmits “read-status” command to
poll SPI slave situation. If SPI master detects error flag
bit of state, it should send “write-status” command to
clear the bit and poll this bit until it turns low.
CMD Field [7:0]
Default Code
Data Field
Usage
Read Data (RD)
0x81
N Bytes. Burst data payload
Master read data
Write Data (WD)
0x06
N Bytes. Burst data payload
Master write data
Read Status (RS)
0x0A
1 Byte
Master read slave status
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com