Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 5Page - Richtek Technology Corporation RT1025WS Datasheet HTML 6Page - Richtek Technology Corporation RT1025WS Datasheet HTML 7Page - Richtek Technology Corporation RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation RT1025WS Datasheet HTML 10Page - Richtek Technology Corporation RT1025WS Datasheet HTML 11Page - Richtek Technology Corporation RT1025WS Datasheet HTML 12Page - Richtek Technology Corporation RT1025WS Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS1025-01
July
2022
www.richtek.com
9
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Feedback Capacitance
CF
--
5,
10,
25,
50,
100,
250
--
pF
Common-Mode Voltage on
Input Pins
Set internally
--
1.25
--
V
External Differential Input
Capacitance
Include equivalent capacitance of
photodiode, cables, EMI filter, and
so forth
--
--
1000
pF
PPG Ambient Cancellation Stage
Gain
G
--
1,
1.5,
2,
3,
4,
6
--
V/V
Current Range
1
--
6
µA
Current DAC Step Size
--
1
--
µA
PPG Low-Pass Filter
Low-Pass Corner Frequency
3-dB attenuation
--
0.5,
1,
2,
4
--
kHz
PPG Analog-To-Digital Converter
Resolution
16
--
--
Bits
Sample Rate
--
4 x
PRF
--
SPS
ADC Full-Scale Voltage
--
±1.6
--
V
ADC Conversion Time
60
--
--
µs
ADC Reset Time
0.95
--
--
µs
PPG Transmitter
Output Current Range
--
10/
25/
35/
50/
65/
75/
90/
105
--
mA
Output Current Accuracy
--
±10
--
%
Output Current Resolution
--
8
--
Bits
Minimum Sample Time of
LED1 and LED2 Pulses
--
50
--
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com