Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 12Page - Richtek Technology Corporation RT1025WS Datasheet HTML 13Page - Richtek Technology Corporation RT1025WS Datasheet HTML 14Page - Richtek Technology Corporation RT1025WS Datasheet HTML 15Page - Richtek Technology Corporation RT1025WS Datasheet HTML 16Page - Richtek Technology Corporation RT1025WS Datasheet HTML 17Page - Richtek Technology Corporation RT1025WS Datasheet HTML 18Page - Richtek Technology Corporation RT1025WS Datasheet HTML 19Page - Richtek Technology Corporation RT1025WS Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
16
PPG Channel Register Interface
Register Module : Reg_0
I2C address : 0x33 or 0x37
SPI address : 0x33
Address
Name
Width
Register Function
00000060
AFE_DIG_ENABLE
32
AFE Digital Part Enable
00000018
PPGFE_CON0
32
PPGFE Control 0
0000001C
PPGFE_CON1
32
PPGFE Control 1
00000020
PPGADC_CON0
32
PPGADC Control 0
00000028
LEDDRV_CON0
32
LED Driving Control 0
0000002C
LEDDRV_CON1
32
LED Driving Control 1
00000068
AFE_PPG_CON
32
PPG Digital Part Control
000000D0
PPG1_SRAM_CON4
32
PPG1 SRAM Control 0
000000D4
PPG1_SRAM_CON5
32
PPG1 SRAM Control 1
000000D8
PPG1_SRAM_CON6
32
PPG1 SRAM Control 2
000000DC
PPG1_SRAM_CON7
32
PPG1 SRAM Control 3
000000E0
PPG2_SRAM_CON8
32
PPG2 SRAM Control 0
000000E4
PPG2_SRAM_CON9
32
PPG2 SRAM Control 1
000000E8
PPG2_SRAM_CON10
32
PPG2 SRAM Control 2
000000EC
PPG2_SRAM_CON11
32
PPG2 SRAM Control 3
PPG Channel Timing Control Register Interface
Register Module : Reg_1
I2C address : 0x23 or 0x27
SPI address : 0x23
Address
Name
Width
Register Function
00000028
AFE_TCTRL_CON0
32
Timing Control Module
Control 0
0000002C
AFE_TCTRL_CON1
32
Timing Control Module
Control 1
00000030
AFE_TCTRL_CON2
32
Timing Control Module
Control 2
00000034
AFE_TCTRL_CON3
32
Timing Control Module
Control 3
00000038
AFE_TCTRL_CON4
32
Timing Control Module
Control 4
0000003C
AFE_TCTRL_CON5
32
Timing Control Module
Control 5
00000040
AFE_TCTRL_CON6
32
Timing Control Module
Control 6
00000044
AFE_TCTRL_CON7
32
Timing Control Module
Control 7
00000048
AFE_TCTRL_CON8
32
Timing Control Module
Control 8
0000004C
AFE_TCTRL_CON9
32
Timing Control Module
Control 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com