Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 3Page - Richtek Technology Corporation RT1025WS Datasheet HTML 4Page - Richtek Technology Corporation RT1025WS Datasheet HTML 5Page - Richtek Technology Corporation RT1025WS Datasheet HTML 6Page - Richtek Technology Corporation RT1025WS Datasheet HTML 7Page - Richtek Technology Corporation RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation RT1025WS Datasheet HTML 10Page - Richtek Technology Corporation RT1025WS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS1025-01
July
2022
www.richtek.com
7
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PPG Mode Current @125Hz
ODR
IPPG
AVDD28 = 2.8V, AVDD_HV = 4V
DVDD18 = 1.8V, DVDDIO = 2.8V
--
430
--
µA
PPG1 + HBI Mode Current
@ 125Hz ODR
IPPG1+BI
AVDD28 = 2.8V, AVDD_HV=4V
DVDD18 = 1.8V, DVDDIO=2.8V
--
470
--
µA
PPG1 + PPG2 Mode Current
@ 125Hz ODR
IPPG1+PPG2
AVDD28=2.8V, AVDD_HV = 4V
DVDD18 = 1.8V, DVDDIO = 2.8V
--
460
--
µA
ECG + PPG1 Mode Current
ECG @ 512Hz ODR and
PPG1 @ 512Hz ODR
IECG+PPG1
AVDD28=2.8V, AVDD_HV=4V
DVDD18=1.8V, DVDDIO=2.8V
--
780
--
µA
Operating Temperature
Range
TC
−20
--
65
°C
ECG
ECG Analog Inputs
Full-Scale Differential Input
Voltage
--
±1.9/
GAIN
--
mV
Input Capacitance
RLD mode
--
30
--
pF
Two-electrode mode
--
190
--
DC Input Impedance
RLD mode
1000
--
--
m
Ω
Two-electrode mode
--
500
--
ECG IA Performance
Gain Settings
--
1,
2,
3,
4,
6,
8,
12
--
V/V
Bandwidth
--
650,
250,
135,
100,
65,
50,
35
--
kHz
ECG Low-Pass Filter
Low-Pass Corner Frequency
3-dB attenuation
--
28,
112
--
kHz
ECG ADC Performance
Resolution
--
--
23
Bits
Data Rate
64
--
4096
SPS
ECG Channel Performance
Input-referred noise
Gain = 1, 4096Hz ODR
--
15.2
--
µVrms
Gain = 12, 4096Hz ODR
--
1.69
--
Gain = 6, 64Hz ODR
--
0.8
--
Gain = 12, 64Hz ODR
--
0.67
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com