Electronic Components Datasheet Search
  English  ▼

X  

RT1025WS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT1025WS Datasheet HTML 1Page - Richtek Technology Corporation RT1025WS Datasheet HTML 2Page - Richtek Technology Corporation RT1025WS Datasheet HTML 3Page - Richtek Technology Corporation RT1025WS Datasheet HTML 4Page - Richtek Technology Corporation RT1025WS Datasheet HTML 5Page - Richtek Technology Corporation RT1025WS Datasheet HTML 6Page - Richtek Technology Corporation RT1025WS Datasheet HTML 7Page - Richtek Technology Corporation RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
4
Pin No.
Pin Name
Type
Pin Function
C3, C5, D2
GND_D
G
Digital ground. Connected to common board ground.
D1, G1, G2
GND_HV
G
High voltage driver ground. Connected to common board ground.
E1
VLX
AI
PPG circuit bias
E2
SPI_MOSI
DIO
(1) SPI mode : SPI serial in master out.
(2) I2C mode : I2C slave address (7-bit mode)
a. H = 7-bit slave address (hex)) = 37 and 27
b. L = 7-bit slave address (hex)) = 33 and 23
E7
VRLD
AO
RLD output. (leave floating at 2E mode)
F1
NC
Leave floating.
F7
INN_ECG
AI
ECG IA negative input.
G3, G6, H3
GND_A
G
Analog ground. Connected to common board ground.
G4
VCM
AI
PPG input common mode voltage. (leave floating)
G5
INP_PPG
AI
PPG receiver input pin. Connected to photodiode anode.
G7
INP_ECG
AI
ECG IA positive input.
H1
TX2
AO
LED driver output. Connected to LED.
H2
TX1
AO
LED driver output. Connected to LED.
H4
VBG
AIO
Bandgap output voltage. 1
µF decoupling capacitor to ground.
H6
INN_PPG
AI
PPG receiver input pin. Connected to photodiode cathode.
H7
AVDD28
P
Analog supply. 2.2
µF decoupling capacitor to ground.
Pin type :
AI : Analog Input, AO : Analog Input, AIO : Analog I/O, DI : Digital Input, DO : Digital Output, DIO : Digital I/O,
P : Power, G : GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com