Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT1716WSC Datasheet HTML 1Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 2Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 3Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 4Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
RT1716
3
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Reference
Part Number
Description
Package
Manufacturer
R1, R2, R3
WR04X1001FTL
1k
Ω 1%
0402
WALSIN
R4
CR-02FL6---4K7
4.7k
Ω 1%
0402
VIKING
C1, C2
0402B331J250
330pF/25V/X7R
0402
WALSIN
C3
0402B104K500CT
100nF/50V/X7R
0402
WALSIN
CC1
CC2
VBUS
VDD
Battery Charge
Controller
VBUS
CC1
CC2
AP/EC
SCL
INT_N
Battery
Cell
OVP
USB 3.1
Switch
TRX#1
TRX#2
USB/DP/MHL
SDA
GND
GND
1.8V/3.3V
RT1716
A1
A2
A3
B3
C1
C2
C3
B2
MCU_GPIO-3
VBUS
Discharge
C2
330p
C1
330p
R4
4.7k
DC-DC1
MCU_GPIO-1
R1
1k
R3
1k
R2
1k
C3
0.1µF
Table 1. Recommended Components Information
Function Portfolio
Pin Name
Pin Connection
Unused VCONN
VBUS
Short to connector VBUS
or
4.7k to connector VBUS (better for surge)
CC1
Short to connector CC1
CC2
Short to connector CC2
INT_N
Pull-high to AP/EC
SDA
Pull-high to AP/EC
SCL
Pull-high to AP/EC
VDD
Short to DC-DC1
Table 2. Funtion Portfolio Information
Note : If VBUS is shorted between the OVP and Battery Charge Controller, it will occur USB compliance testing failures
and application issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com