Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 28Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 29Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 30Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 31Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 32Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 33Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 34Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 35Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
RT1716
32
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address Length
Register
Name
Bit
BitName
Default Type
Description
0x69
1
TX_BUF_
OBJ6_
BYTE_1
7:0
TX_OBJ6_1
0x00
RW
Byte 1 (bits 15..8) of 6st data object
0x6A
1
TX_BUF_
OBJ6_
BYTE_2
7:0
TX_OBJ6_2
0x00
RW
Byte 2 (bits 23..16) of 6st data object
0x6B
1
TX_BUF_
OBJ6_
BYTE_3
7:0
TX_OBJ6_3
0x00
RW
Byte 3 (bits 31..24) of 6st data object
0x6C
1
TX_BUF_
OBJ7_
BYTE_0
7:0
TX_OBJ7_0
0x00
RW
Byte 0 (bits 7..0) of 7st data object
0x6D
1
TX_BUF_
OBJ7_
BYTE_1
7:0
TX_OBJ7_1
0x00
RW
Byte 1 (bits 15..8) of 7st data object
0x6E
1
TX_BUF_
OBJ7_
BYTE_2
7:0
TX_OBJ7_2
0x00
RW
Byte 2 (bits 23..16) of 7st data object
0x6F
1
TX_BUF_
OBJ7_
BYTE_3
7:0
TX_OBJ7_3
0x00
RW
Byte 3 (bits 31..24) of 7st data object
0x90
1
7
Reserved
0
R
Reserved
6
Reserved
0
RW
Reserved
5
Reserved
0
RW
Reserved
4
BMCIO_LPR
PRD
0
RW
Low power mode enable
0b : Low power mode RD (default)
1b : Low power mode RP
3
BMCIO_LPE
N
0
RW
Low power mode enable
0b : Standby mode (default)
1b : Low power
2
BMCIO_BG_
EN
1
RW
BMCIO BandGap enable
0b : BandGap off
CC pin function disable
1b : BandGap on (default)
CC pin function enable
1
VBUS_DETE
N
1
RW
VBUS detection enable
0b : Measure off
1b : Operation (default)
0
BMCIO_OSC
_EN
1
RW
24M oscillator for BMC communication
0b : Disable 24M oscillator
1b : Enable 24M oscillator (default)
Note : 24M oscillator will be enabled
automatically when INT occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com