Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 18Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 19Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 20Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 21Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 22Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 23Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 24Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 25Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 26Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
RT1716
22
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address Length
Register
Name
Bit
BitName
Default Type
Description
0x1E
1
POWER_
STATUS
7
DBG_ACC_
CONNECT
0
R
Not support.
6
TCPC_INITIAL
0
R
0b : The TCPC has completed
initialization and all registers are valid
(default)
1b : The TCPC is still performing
internal initialization and the only
registers that are guaranteed to return
the correct values are 00h..0Fh
5
SRC_HV
0
R
Not support.
4
SRC_VBUS
0
R
Not support.
3
VBUS_PRESE
NT_DETC
1
R
0b : VBUS present detection disabled
1b : VBUS present detection enabled
(default)
2
VBUS_PRESE
NT
0
R
0b : VBUS Disconnected (default)
1b : VBUS Connected
1
VCONN_PRE
SENT
0
R
Not support.
0
SINK_VBUS
0
R
Not support.
0x1F
1
FAULT_
STATUS
7
VCON_OV
0
RW
Not support.
6
FORCE_OFF_
VBUS
0
R
Not support.
5
AUTO_DISC_
FAIL
0
R
Not support.
4
FORCE_DISC
_FAIL
0
R
Not support.
3
VBUS_OC
0
R
Not support.
2
VBUS_OV
0
R
Not support.
1
VCON_OC
0
RW
Not support.
0
I2C_ERROR
0
RW
0b : No Error (default)
1b : I2C error has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com