Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 23Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 24Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 25Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 26Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 27Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 28Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 29Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 30Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
RT1716
27
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address Length
Register
Name
Bit
BitName
Default Type
Description
0x2F
1
RECEIVE_
DETECT
7
Reserved
0
R
Reserved
6
EN_CABLE_
RST
0
RW
0b : TCPC does not detect Cable Reset
signaling (default)
1b : TCPC detects Cable Reset
signaling
5
EN_HARD_
RST
0
RW
0b: TCPC does not detect Hard Reset
signaling (default)
1b : TCPC detects Hard Reset signaling
4
EN_SOP2DB
0
RW
0b: TCPC does not detect SOP_DBG’’
message (default)
1b : TCPC detects SOP_DBG’’ message
3
EN_SOP1DB
0
RW
0b : TCPC does not detect SOP_DBG’
message (default)
1b : TCPC detects SOP_DBG’ message
2
EN_SOP2
0
RW
0b : TCPC does not detect SOP’’
message (default)
1b : TCPC detects SOP’’ message
1
EN_SOP1
0
RW
0b : TCPC does not detect
SOP’
message (default)
1b : TCPC detects SOP’ message
0
EN_SOP
0
RW
0b : TCPC does not detect SOP
message (default)
1b : TCPC detects SOP message
0x30
1
RX_BYTE_
COUNT
7:0
RX_BYTE_
COUNT
0x00
RW
Indicates number of bytes in this register
that are not stale. The TCPM should
read the first RECEIVE_BYTE_COUNT
bytes in this register.
0x31
1
RX_BUF_
FRAME_
TYPE
7:3
Reserved
0000
R
Reserved
2:0
RX_FRAME_
TYPE
000
R
Type of received frame
000b : Received SOP (default)
001b : Received SOP'
010b : Received SOP''
011b : Received SOP_DBG’
100b : Received SOP_DBG’’
110b : Received Cable Reset
All others are reserved.
0x32
1
RX_BUF_
HEADER_
BYTE_0
7:0
RX_HEAD_0
0x00
R
Byte 0 (bits 7..0) of message header
0x33
1
RX_BUF_
HEADER_
BYTE_1
7:0
RX_HEAD_1
0x00
R
Byte 1 (bits 15..8) of message header
0x34
1
RX_BUF_
OBJ1_
BYTE_0
7:0
RX_OBJ1_0
0x00
R
Byte 0 (bits 7..0) of 1st data object



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com