Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 3Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 4Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 9Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 10Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
RT1716
7
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1. Stresses beyond those listed under
“Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-
thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Note 5. When VCONN doesn't use, VCONN short to GND.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
UFP Pull-Down Voltage in
Dead Battery Under
DFP330
μA
VDBH
VDD = 0V
--
--
2.6
V
I
2C Electrical Characteristics
I2C Bus Supply Voltage
I2C_VDD
VDD = 3V to 5.5V
1.5
--
3.6
V
LOW-Level Input Voltage
VIL
VDD = 3V to 5.5V
--
--
0.4
V
HIGH-Level Input Voltage
VIH
VDD = 3V to 5.5V
1.3
--
--
V
LOW-Level Output Voltage
VOL
VDD = 3V to 5.5V, Open-drain
--
--
0.4
V
Input Current Each IO Pin
II
VDD = 3V to 5.5V,
0.1VDD < VI < 0.9VDDMAX
−10
--
10
μA
SCL Clock Frequency
fSCL
VDD = 3V to 5.5V
0
--
3400
kHz
Pulse width of spikes that
must be suppressed by the
input filter
tSP
VDD = 3V to 5.5V
--
--
50
ns
Data Hold Time
tHD:DAT
VDD = 3V to 5.5V
30
--
--
ns
Data Set-Up Time
tSU:DAT
VDD = 3V to 5.5V
70
--
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com