Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 9Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 10Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 11Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 12Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 13Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 14Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 15Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
RT1716
12
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
USB_PD
The PD function of the RT1716 complies with USB Power
Delivery spec 3.0 and Type-C Port Controller Interface spec
1.0. Some
“Not support” functions are listed in the register
table.
Type-C Detection
The USB_PD implements multiple comparators which can
be used by software to determine the state of the CC1,
CC2 pins. This status information provides the host
processor all of the information required to determine
attach and detach status of the cable.
The USB_PD has three threshold comparators, which
match the USB Type-C specification for the three charge
current levels, which can be detected by a Type-C device.
These comparators can automatically trigger interrupts
to occur when there is a state change.
Detection through Autonomous DRP Toggles
The USB_PD has the capability to do autonomous DRP
toggles. In DRP toggles, the RT1716 implements DRP
toggle between SRC (source) and SNK (sink). It can also
present as a SRC or SNK only and monitor CC1, CC2
status.
Dead Battery Mode
RT1716 that supports being charged by USB whose
VDD’s DC-DC is off shall apply Rd to both CC1 and CC2
and follow all Sink rules. When it is connected to a Source,
DRP or Sourcing Device, the system will receive the default
VBUS. Circuitry to present Rd in this case only needs to
guarantee the voltage on CC is pulled within the same
range as the voltage clamp implementation of Rd in order
for a Source to recognize the Sink and provide VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com