Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 21Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 22Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 23Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 24Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 25Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 26Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 27Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 28Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
RT1716
25
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address Length
Register
Name
Bit
BitName
Default Type
Description
0x26
1
DEVICE_
CAPABILITI
ES_2L
7
SINK_DISCO
NNECT_DET
0
R
0b :
VBUS_SINK_DISCONNECT_THRESH
OLD not implemented (default: Use
POWER_STATUS.VbusPresent = 0b
to indicate a Sink disconnect) (default)
1b :
VBUS_SINK_DISCONNECT_THRESH
OLD implemented
6
STOP_DISC_
THD
0
R
0b :
VBUS_STOP_DISCHARGE_THRESH
OLD not implemented (default)
1b :
VBUS_STOP_DISCHARGE_THRESH
OLD implemented
5:4
VBUS_VOL_
ALARM_LSB
11
R
00b : TCPC has 25mV LSB for its
voltage alarm and uses all 10 bits in
VBUS_VOLTAGE_ALARM_HI_CFG
and
VBUS_VOLTAGE_ALARM_LO_CFG.
01b : TCPC has 50mV LSB for its
voltage alarm and uses only 9 bits.
VBUS_VOLTAGE_ALARM_HI_CFG[0]
and
VBUS_VOLTAGE_ALARM_LO_CFG[0
] are ignored by TCPC.
10b : TCPC has 100mV LSB for its
voltage alarm and uses only 8 bits.
VBUS_VOLTAGE_ALARM_HI_CFG[1:
0] and
VBUS_VOLTAGE_ALARM_LO_CFG[1
:0] are ignored by TCPC.
11b : Not support this function. (default)
3:1
VCONN_
POWER
010
R
Not support.
0
VCONN_OCF
1
R
Not support.
0x27
1
DEVICE_
CAPABILITI
ES_2H
7:0
Reserved
0x00
R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com