Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 16Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 17Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 18Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 19Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 20Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 21Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 22Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 23Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
RT1716
20
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address Length
Register
Name
Bit
BitName
Default Type
Description
0x1D
1
CC_
STATUS
7:6
Reserved
00
R
Reserved
5
DRP_
STATUS
0
R
0b : the TCPC has stopped toggling or
(ROLE_CONTROL.DRP = 00) (default)
1b : the TCPC is toggling
4
DRP_
RESULT
0
R
0b : the TCPC is presenting Rp
(default)
1b : the TCPC is presenting Rd
3:2
CC2_
STATUS
00
R
If (ROLE_CONTROL.CC2 = Rp) or
(DrpResult = 0)
00b : SRC.Open (Open, Rp) (default)
01b : SRC.Ra (below maximum vRa)
10b : SRC.Rd (within the vRd range)
11b : reserved
If (ROLE_CONTROL.CC2 = Rd) or
(DrpResult = 1)
00b: SNK.Open (Below maximum vRa)
(default)
01b: SNK.Default (Above minimum
vRd-Connect)
10b: SNK.Power1.5 (Above minimum
vRd-Connect) Detects Rp 1.5A
11b: SNK.Power3.0 (Above minimum
vRd-Connect) Detects Rp 3.0A
If ROLE_CONTROL.CC2 = Ra, this
field is set to 00b
If ROLE_CONTROL.CC2 = Open, this
field is set to 00b
This field always returns 00b if
(DrpStatus = 1) or
(POWER_CONTROL.EnableVCONN =
1 and
POWER_CONTROL.PlugOrientation =
0). Otherwise, the returned value
depends upon ROLE_CONTROL.CC2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com