Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 19Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 20Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 21Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 22Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 23Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 24Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 25Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 26Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
RT1716
23
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address Length
Register
Name
Bit
BitName
Default Type
Description
0x23
1
COMMAND 7:0
COMMAND
0x00
RW
0010 0010b : DisableVbusDetect:
Disable Vbus present and vSafe0V
detection.
0011 0011b : EnableVbusDetect:
Enable Vbus present and vSafe0V
detection.
1001 1001b : Start DRP Toggling if
ROLE_CONTROL.DRP = 1b. If
ROLE_CONTROL.CC1/CC2= 01b start
with Rp, if ROLE_CONTROL.CC1/CC2
=10b start with Rd.
0x24
1
DEVICE_
CAPABILITI
ES_1L
7:5
ROLES_
SUPPORT
110
R
000b : Type-C Port Manager can
configure the Port as Source only or
Sink only (not DRP)
001b : Source only
010b : Sink only
011b : Sink with accessory support
(optional)
100b : DRP only
101b : Adapter or Cable (Ra) only
110b : Source, Sink, DRP,
Adapter/Cable all supported (default)
111b : Not valid
4
ALL_SOP_
SUPPORT
1
R
0b : All SOP* except
SOP’_DBG/SOP”_DBG
1b : All SOP* messages are supported
(default)
3
SOURCE_
VCONN
1
R
Not support.
2
CPB_SINK_
VBUS
0
R
0b : TCPC is not capable controlling
the sink path to the system load
(default)
1b : TCPC is capable of controlling the
sink path to the system load
1
SOURCE_
HV_VBUS
0
R
0b : TCPC is not capable of controlling
the source high voltage path to VBUS
(default)
1b : TCPC is capable of controlling the
source high voltage path to VBUS
0
SOURCE_
VBUS
0
R
0b : TCPC is not capable of controlling
the source path to VBUS (default)
1b : TCPC is capable of controlling the
source path to VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com