Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT1716WSC Datasheet HTML 1Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 2Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 3Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 4Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
RT1716
5
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Common Normative Signaling Requirements
Bit Rate
fBitRate
VDD = 3V to 5.5V
270
300
330
Kbps
Common Normative Signaling Requirements for Transmitter
Maximum difference
between the bit-rate during
the part of the packet
following the Preamble and
the reference bit-rate
pBitRate
VDD = 3V to 5.5V
--
--
0.25
%
Time from the end of last bit
of a Frame until the start of
the first bit of the next
Preamble
tInterFrameGap
VDD = 3V to 5.5V
25
--
--
μs
Time before the start of the
first bit of the Preamble when
the transmitter shall start
driving the line
tStartDrive
VDD = 3V to 5.5V
−1
--
1
μs
Absolute Maximum Ratings (Note 1)
VDD ---------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
CC1/CC2 (Testing Condition : VDD
≥ 3V) ---------------------------------------------------------------------- −0.3V to 24V
CC1/CC2 (Testing Condition : VDD < 3V) ---------------------------------------------------------------------
−0.3V to 6V
VBUS ------------------------------------------------------------------------------------------------------------------
−0.3V to 28V
SDA/SCL/INT_N -----------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
WL-CSP-8B 1.38x1.34 (BSC) ------------------------------------------------------------------------------------ 1.16W
Package Thermal Resistance (Note 2)
WL-CSP-8B 1.38x1.34 (BSC),
θJA ------------------------------------------------------------------------------ 85.5°C/W
Lead Temperature (Soldering, 10sec.) -------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range --------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
Suply Input Voltage ------------------------------------------------------------------------------------------------- 3.0V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------
−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com