Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 14Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 15Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 16Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 17Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 18Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 19Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 20Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 21Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
RT1716
18
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address Length
Register
Name
Bit
BitName
Default Type
Description
0x19
1
TCPC_C
ONTROL
7:5
Reserved
000
R
Reserved
4
Reserved
0
R
Reserved
3:2
I2C_CK_
STRETCH
00
R
Not support.
1
BIST_TEST_
MODE
0
RW
0b : Normal Operation. Incoming
messages enabled by
RECEIVE_DETECT passed to TCPM
via Alert. (default)
1b : BIST Test Mode. Incoming
messages enabled by
RECEIVE_DETECT result in
GoodCRC response but may not be
passed to the TCPM via Alert. TCPC
may temporarily store incoming
messages in the Receive Message
Buffer, but this may or may not result in
a Receive SOP* Message Status or a
Rx Buffer Overflow alert.
0
PLUG_ORIENT
0
RW
0b : When VCONN is enabled, apply it
to the CC2 pin. Monitor the CC1 pin for
BMC communications if PD messaging
is enabled. (default)
1b : When VCONN is enabled, apply it
to the CC1 pin. Monitor the CC2 pin for
BMC communications if PD messaging
is enabled.
Required
0x1A
1
ROLE_C
ONTROL
7
Reserved
0
R
Reserved
6
DRP
0
RW
0b : No DRP. Bits B3..0 determine
Rp/Rd/Ra settings (default)
1b: DRP
5:4
RP_VALUE
00
RW
00b : Rp default (default)
01b : Rp 1.5A
10b : Rp 3.0A
11b : Reserved
3:2
CC2
10
RW
00b : Reserved
01b : Rp (Use Rp definition in B5..4)
10b : Rd (default)
11b : Open (Disconnect or don’t care)
Set to 11b if enabling DRP in B7..6
1:0
CC1
10
RW
00b : Reserved
01b : Rp (Use Rp definition in B5..4)
10b : Rd (default)
11b : Open (Disconnect or don’t care)
Set to 11b if enabling DRP in B7..6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com