Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 4Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 9Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 10Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 11Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
RT1716
8
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
Abbreviations :
Term
Description
BMC
Biphase Mark Coding
TCPC
Type-C Port Controller
TCPCI
Type-C Port Controller Interface
TCPM
Type-C Port Manager
Type-C Port Controller (TCPC) Interface :
The Type-C Port Controller Interface, TCPCI, is the
interface between a Type-C Port Manager and a Type-C
Port Controller.
1
0
0
1
1
1
0
RW
MSB
LSB
Type-C Port Manager
Policy Engine
Protocol Layer
I
2
C Master
Type-C Port Controller
Tx/Rx Buffer
GoodCRC/Retry
I
2
C Slave
Physical Layer
Type-C CC Logic
INT_N In
INT_N Out
TCPC Interface
The Controller Interface uses the I2C protocol :
The TCPM is the only master on this I2C bus
The TCPC is a slave device on this I2C bus
Each Type-C port has its own unique I2C slave address.
The TCPC shall have equal numbers of unique I2C slave
addresses and supported Type-C ports
The TCPC supports Fast-mode bus speed
The TCPC has an open drain output, active low INT_N
Pin. This pin is used to indicate change of state, where
INT_N pin is asserted when any Alert Bits are set
The TCPCI supports an I/O nominal voltage range of
1.8V and 3.3V
The TCPC can auto-increment the I2C internal register
address of the last byte transferred during a read
independent of an ACK/NACK from the master
The default I2C address shows below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com