Electronic Components Datasheet Search
  English  ▼

X  

RT1716WSC Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT1716WSC
Description  Programmable USB Type-C PD Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1716WSC Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT1716WSC Datasheet HTML 10Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 11Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 12Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 13Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 14Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 15Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 16Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 17Page - Richtek Technology Corporation RT1716WSC Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
RT1716
14
DS1716-04
March 2020
www.richtek.com
©
Copyright
2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Address Length
Register
Name
Bit
BitName
Default Type
Description
0x00
1
VENDOR
_ID
7:0
VID[7:0]
0xCF
R
A unique 16-bit unsigned integer.
Assigned by the USB-IF to the Vendor.
0x01
1
7:0
VID[15:8]
0x29
R
0x02
1
PRODUC
T_ID
7:0
PID[7:0]
0x11
R
A unique 16-bit unsigned integer.
Assigned uniquely by the Vendor to
identify the TCPC.
0x03
1
7:0
PID[15:8]
0X17
R
0x04
1
DEVICE_
ID
7:0
DID[7:0]
0x73
R
A unique 16-bit unsigned integer.
Assigned by the Vendor to identify the
version of the TCPC.
0x05
1
7:0
DID[15:8]
0x21
R
0x06
1
USBTYP
EC_REV
7:0
USBTYPEC_
REV
0x11
R
Byte 0 of a 16-bit USB Type-C
Revision. Revision 1.1
0x07
1
7:0
Reserved
0
R
0x08
1
USBPD_
REV_
VER
7:0
USBPD_VER
0x11
R
Byte 0 of a 16-bit USB PD version.
Version 1.1.
0x09
1
7:0
USBPD_REV
0x20
R
Byte 1 of a 16-bit USB PD Revision.
Revision 2.0.
0x0A
1
PD_INTE
RFACE_
REV
7:0
PDIF_VER
0x10
R
Byte 0 of a 16-bit PD Interface (TCPC)
Version. Version 1.0
0x0B
1
7:0
PDIF_REV
0x10
R
Byte 1 of a 16-bit PD Interface (TCPC)
Revision. Revision 1.0
Register Map :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com