Electronic Components Datasheet Search
  English  ▼

X  

ES9826 Datasheet(PDF) 24 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 24 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 20Page - ESS Technology,Inc ES9826 Datasheet HTML 21Page - ESS Technology,Inc ES9826 Datasheet HTML 22Page - ESS Technology,Inc ES9826 Datasheet HTML 23Page - ESS Technology,Inc ES9826 Datasheet HTML 24Page - ESS Technology,Inc ES9826 Datasheet HTML 25Page - ESS Technology,Inc ES9826 Datasheet HTML 26Page - ESS Technology,Inc ES9826 Datasheet HTML 27Page - ESS Technology,Inc ES9826 Datasheet HTML 28Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
24
6
Minimum phase fast roll-off
Low latency, minimal pre ringing and low passband ripple, image rejection @
0.55fs
7
Minimum phase slow roll-off
Lowest latency at the cost of image rejection
8
Minimum phase fast roll-off low
dispersion
Provides a nice balance of the low latency of minimum phase filters and the
low dispersion of linear phase filters. Minimal pre-ringing is added to
achieve the low dispersion in the audio band.
Table 14 – FIR digital filter properties
Note on Minimum phase filters:
Minimum phase filters are asymmetric filters that work to minimize the pre-echo of the filter, while still maintaining an
excellent frequency response and they peak earlier than linear phase filters, resulting in a lower group delay. Minimum
phase filters usually feature zero cycles of pre-echo, which can result in improved audio quality.
PCM Filter Properties (44.1kHz Sampling)
Minimum phase
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
0.46 x fs
Hz
Stop band
-82 dB
0.54 x fs
Hz
Group Delay
2.90/fs
9.24/fs
s
Flatness (ripple)
0.0030
dB
Linear phase apodizing fast roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
0.41 x fs
Hz
Stop band
-75 dB
0.5 x fs
Hz
Group Delay
33.25/fs
s
Flatness (ripple)
0.0034
dB
Linear phase fast roll-off
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
0.46 x fs
Hz
Stop band
-76 dB
0.54 x fs
Hz
Group Delay
32.88/fs
s
Flatness (ripple)
0.0043
dB
Linear phase fast roll-off low ripple
Parameter
Conditions
MIN
TYP
MAX
UNIT
Pass band
0.46 x fs
Hz
Stop band
-73 dB
0.55 x fs
Hz
Group Delay
33.00/fs
s
Flatness (ripple)
0.0040
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com