Electronic Components Datasheet Search
  English  ▼

X  

ES9826 Datasheet(PDF) 9 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 9 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 5Page - ESS Technology,Inc ES9826 Datasheet HTML 6Page - ESS Technology,Inc ES9826 Datasheet HTML 7Page - ESS Technology,Inc ES9826 Datasheet HTML 8Page - ESS Technology,Inc ES9826 Datasheet HTML 9Page - ESS Technology,Inc ES9826 Datasheet HTML 10Page - ESS Technology,Inc ES9826 Datasheet HTML 11Page - ESS Technology,Inc ES9826 Datasheet HTML 12Page - ESS Technology,Inc ES9826 Datasheet HTML 13Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
9
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
28 QFN Pin Descriptions
Pin
Name
Pin Type
Reset
State
Pin Description
1
MISO/ADDR0/
MUTE_MCLK_CTRL
I/O
HiZ
Serial communication for SPI/I2C & HW interface pin, controlled
by MODE pin
2
SS/ADDR1/HW2
I/O
HiZ
Serial communication for SPI/I2C & HW2 interface pin,
controlled by MODE pin
3
SCLK/SCL/HW1
I/O
HiZ
Serial communication for SPI/I2C & HW1 interface pin,
controlled by MODE pin
4
MOSI/SDA/HW0
I/O
HiZ
Serial communication for SPI/I2C & HW0 interface pin,
controlled by MODE pin
5
MODE
I/O
HiZ
I2C/SPI Control selection or HW mode
6
RT1
I
HiZ
Reserved. Must be connected to DGND for normal operation.
7
CHIP_EN
I/O
HiZ
Active-high chip enable.
8
AVCC_ADC
Power
Power
ADC reference voltage 3.3V Supply
9
IN_P1
AI
HiZ
ADC Channel 1 differential positive (+) input
10
IN_M1
AI
HiZ
ADC Channel 1 differential negative (-) input
11
IN_M2
AI
HiZ
ADC Channel 2 differential negative (-) input
12
IN_P2
AI
HiZ
ADC Channel 2 differential positive (+) input
13
AGND
Ground
Ground
Analog Ground
14
MIC_BIAS
Power
P/D
Analog microphone bias reference voltage output
15
VREF_BUF
Power
Power
Low Noise reference for on-chip regulator
16
VREF
Power
Power
Low Noise reference for bandgap circuitry
17
AVCC
Power
Power
3.3V Supply
18
PLL_REG
Power
Power
Low Noise reference for PLL regulator
19
ACLK
AI
HiZ
Main Clock Input
20
AVDD
Power
Power
3.3V, I/O Supply
21
DGND
Ground
Ground
Digital Core Ground
22
DVDD
Power
Power
Digital Core Supply. Internally Supplied
23
DATA_CLK
I/O
HiZ
Serial Clock pin
24
DATA1
I/O
HiZ
Serial Frame pin
25
DATA2/GPIO3
I/O
HiZ
Serial Data pin / General GPIO 3
26
GPIO4
I/O
HiZ
General GPIO 4
27
GPIO5
I/O
HiZ
General GPIO 5
28
GPIO6/HW3
I/O
HiZ
General GPIO 6 & HW3 interface pin, controlled by MODE pin
29* Package PAD
-
-
Not electrically connected, used for heat dissipation
* Note: AO = Analog Output, I = Digital Input, I/O = Digital Input/Output,
**Note: Res. to Ground = Resistor to ground, see calibration resistor section for more information.
Table 1 – ES9826 28 QFN pin list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com