Electronic Components Datasheet Search
  English  ▼

X  

ES9826 Datasheet(PDF) 50 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 50 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 46Page - ESS Technology,Inc ES9826 Datasheet HTML 47Page - ESS Technology,Inc ES9826 Datasheet HTML 48Page - ESS Technology,Inc ES9826 Datasheet HTML 49Page - ESS Technology,Inc ES9826 Datasheet HTML 50Page - ESS Technology,Inc ES9826 Datasheet HTML 51Page - ESS Technology,Inc ES9826 Datasheet HTML 52Page - ESS Technology,Inc ES9826 Datasheet HTML 53Page - ESS Technology,Inc ES9826 Datasheet HTML 54Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
50
Register 3: I2S/TDM MASTER CLK CONFIG
Bits
[7:0]
Default
8'd7
Bits
Mnemonic
Description
[7:0]
MASTER_BCK_DIV
Master decoding clock divider.
Whole number divide value + 1 for CLK_BCK_WS_GEN
(MCLK/divide_value).
Register 4: I2S/TDM MASTER MODE CONFIG
Bits
[7]
[6]
[5:4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
2'b00
1'b0
1'b1
1'b0
1'b0
Bits
Mnemonic
Description
[7]
ADC_CLK_DIV2
Sets ADC clock rate.
• 1'b0: Full rate (default)
• 1'b1: 1/2 rate
[6]
ADC_CLK_INV
Inverts the phase of ADC_CLK.
• 1'b0: Non-inverted (default)
• 1'b1: Inverted
Note: Requires Reg2[7] FORCE_PHASE_ADC_CLK = 1'b1.
[5:4]
MASTER_FRAME_LENGTH
Selects the bit length of the I2S/TDM channels in master mode.
• 2'b00: 32-bit (default)
• 2'b10: 16-bit
• Others: Reserved
[3]
MASTER_WS_PULSE_MODE
When enabled, master WS is a 1 BCK pulse signal instead of a
50% duty cycle signal.
• 1'b0: 50% duty cycle WS signal (default)
• 1'b1: Pulse WS signal
[2]
MASTER_BCK_INVERT
Inverts master BCK.
• 1'b0: Non-inverted
• 1'b1: Inverted (default)
[1]
MASTER_WS_INVERT
Inverts master WS.
• 1'b0: Non-inverted (default)
• 1'b1: Inverted
[0]
MASTER_MODE_ENABLE
Enables I2S/TDM master mode and generates master BCK and
master WS.
• 1'b0: Disabled
• 1'b1: Enabled (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com