Electronic Components Datasheet Search
  English  ▼

X  

ES9826 Datasheet(PDF) 66 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 66 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 62Page - ESS Technology,Inc ES9826 Datasheet HTML 63Page - ESS Technology,Inc ES9826 Datasheet HTML 64Page - ESS Technology,Inc ES9826 Datasheet HTML 65Page - ESS Technology,Inc ES9826 Datasheet HTML 66Page - ESS Technology,Inc ES9826 Datasheet HTML 67Page - ESS Technology,Inc ES9826 Datasheet HTML 68Page - ESS Technology,Inc ES9826 Datasheet HTML 69Page - ESS Technology,Inc ES9826 Datasheet HTML 70Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
66
Register 59: FIR FILTER
Bits
[7:5]
[4:2]
[1]
[0]
Default
3'd4
3'd0
1'b0
1'b0
Bits
Mnemonic
Description
[7:5]
RESERVED
NA
[4:2]
FILTER_SHAPE
Selects the 8x decimation FIR filter shape.
• 3'd0: Minimum phase (default)
• 3'd1: Linear phase apodizing fast roll-off
• 3'd2: Linear phase fast roll-off
• 3'd3: Linear phase fast roll-off low ripple
• 3'd4: Linear phase slow roll-off
• 3'd5: Minimum phase fast roll-off
• 3'd6: Minimum phase slow roll-off
• 3'd7: Minimum phase slow roll-off low dispersion
[1]
EN_32BIT_CH2
Sets the bit depth from the CH2 decimation path.
• 1'b0: 24-bit output (default)
• 1'b1: 32-bit output
[0]
EN_32BIT_CH1
Sets the bit depth from the CH1 decimation path.
• 1'b0: 24-bit output (default)
• 1'b1: 32-bit output
Register 60: RESERVED
Register 61: ARE CONTROL
Bits
[7:1]
[0]
Default
7'b1101000
1'b0
Bits
Mnemonic
Description
[7:1]
RESERVED
NA
[0]
ARE_ENABLE
Enable Automatic Range Enhancement (ARE).
• 1'b0: ARE disabled (default)
• 1'b1: ARE enabled
Note: Please consult application note before using
ARE_ENABLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com