Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 28Page - Texas Instruments TPS274C65AS Datasheet HTML 29Page - Texas Instruments TPS274C65AS Datasheet HTML 30Page - Texas Instruments TPS274C65AS Datasheet HTML 31Page - Texas Instruments TPS274C65AS Datasheet HTML 32Page - Texas Instruments TPS274C65AS Datasheet HTML 33Page - Texas Instruments TPS274C65AS Datasheet HTML 34Page - Texas Instruments TPS274C65AS Datasheet HTML 35Page - Texas Instruments TPS274C65AS Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
The device is disabled and the digital registers
are reset.
VDD rises.
Normal powerup operation
VDD
t
VDD decreases below VUVLOF.
VOUTx
VS
VHYS
VVDD_UVLOR
tDLY_RST
VVDD_UVLOF
Figure 9-25. VDD UVLO
9.3.5.7 Power-Up and Power-Down Behavior
Device is in OFF or POR state when the device is not powered. FAULT, READY and VOUTx will be in high-Z
state.
Once the VS > VS_UVPR and VDD > VDD,UVLOR, the device starts to read in the configurations and READY will be
pulled low when the device is ready for the SPI communication.
In case the VDD power supply is enabled the first and the VDD voltage exceeds VDD,UVLOR before the VS supply
is up and VS voltage exceeds VS_UVPR, the outputs remain disabled.
9.3.5.8 Reverse Current Blocking
Reverse current occurs when VVS<VOUT. In this case, current will flow from VOUTx to VS. Reverse current can be
caused by miswiring at the output, or a capacitive or inductive load can cause inverse current. For example, if
there is a significant amount of load capacitance and the VS node has a transient droop, VOUTx may be greater
than VS. The VSdroop may be caused by inrush current from a different load. Similarly load/supply faults and
inductive loads can cause supply to be pushed up as well. Another application is to provide protection when
output connection to supply (miswiring) occurs when the input power supply is not available or connected. The
device monitors VS and VOUT to provide true reverse current blocking when a reverse condition or input power
failure condition is detected.
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com