Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 49 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 45Page - Texas Instruments TPS274C65AS Datasheet HTML 46Page - Texas Instruments TPS274C65AS Datasheet HTML 47Page - Texas Instruments TPS274C65AS Datasheet HTML 48Page - Texas Instruments TPS274C65AS Datasheet HTML 49Page - Texas Instruments TPS274C65AS Datasheet HTML 50Page - Texas Instruments TPS274C65AS Datasheet HTML 51Page - Texas Instruments TPS274C65AS Datasheet HTML 52Page - Texas Instruments TPS274C65AS Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
Table 9-11. TPS274C65 Registers (continued)
Offset
Acronym
Register Name
Section
2Ah
EN_SHRT_VS
Enable Output Short_to-VS fault per channel
Section 9.6.42
2Bh
ADC_ISNS_DIS
ADC conversion disable ISNS channels
Section 9.6.43
2Ch
ADC_TSNS_DIS
ADC conversion disable TSNS channels
Section 9.6.44
2Dh
ADC_VSNS_DIS
ADC conversion disable VSNS channels
Section 9.6.45
2Eh
ADC_CONFIG1
ADC configuration - disable conversion
Section 9.6.46
2Fh
CRC_CONFIG
Configure CRC
Section 9.6.47
Complex bit access types are encoded to fit into small table cells. Table 9-12 shows the codes that are used for
access types in this section.
Table 9-12. TPS274C65 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
R
C
Read
to Clear
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
9.6.1 FAULT_TYPE_STAT Register (Offset = 0h) [Reset = 80h]
FAULT_TYPE_STAT is shown in Table 9-13.
Return to the Summary Table.
The register reports the fault type in any of the channels (OR of all channels)
Table 9-13. FAULT_TYPE_STAT Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SUPPLY_FLT
R
1h
The bit is set if either the VDD_UVLO or VS_UV are faults occur. If
FLT_LTCH_DIS bit is set, then the fault bit is latched and is cleared
only when the FLT_GLOBAL_TYPE register is read and the fault
condition no longer exists.
0h = no UV fault in VDD, VINT or VS
1h = UV fault in VDD, VINT or VS
6
RVRS_BLK_FLT
R
0h
The bit is set if there is a reverse current fault in any one of the
channels. If FLT_LTCH_DIS bit is set, then the fault bit is latched and
is cleared only when the RVRS_BLK_CH_STAT register is read and
the fault condition no longer exists.
0h = no reverse current blocking fault in any of the channels
1h = reverse current blocking fault in one of the channels
5
CHAN_TSD
R
0h
The bit is set if there is a thermal shutdown fault due to thermal
overload in any one of the channels. If FLT_LTCH_DIS bit is
set, then the fault bit is latched and is cleared only when the
THERMAL_SD_CH_STAT register is read and the fault condition no
longer exists.
0h = no thermal shutdown fault in any of the channels
1h = thermal shutdown fault in one of the channels
www.ti.com
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com