Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 5Page - Texas Instruments TPS274C65AS Datasheet HTML 6Page - Texas Instruments TPS274C65AS Datasheet HTML 7Page - Texas Instruments TPS274C65AS Datasheet HTML 8Page - Texas Instruments TPS274C65AS Datasheet HTML 9Page - Texas Instruments TPS274C65AS Datasheet HTML 10Page - Texas Instruments TPS274C65AS Datasheet HTML 11Page - Texas Instruments TPS274C65AS Datasheet HTML 12Page - Texas Instruments TPS274C65AS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
7.5 Electrical Characteristics (continued)
VVS = 11 V to 36 V, VVDD = 3.0 V to 5.5 V, TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT,LEAKX
Leakage current from
OUT to GND in OFF
state
Vs = VOUT < 36 V, Switch and all diagnostics
disabled, measured into the OUTx pin
40
µA
IOUT(OFF)
Output leakage current
(per channel)
VS <= 36 V, VOUT = 0
Channel disabled, diagnostics disabled Tj <= 125°C
0
0.8
10
µA
VDD IQ
VDD quiescent current,
SCLK ON, all
diagnostics disabled,
(WB_OFF, WB_ON,
SHRT_VS, ADC)
external VDD
VS ≤ 36 V, VDD = 5.5 V
All channels enabled, IOUTx = 0 A
1.3
1.6
mA
VDD IQ
VDD quiescent current,
SCLK ON, all
diagnostics disabled,
(WB_OFF, WB_ON,
SHRT_VS, ADC)
external VDD
VS ≤ 36 V, VDD = 3.0 V
All channels enabled, IOUTx = 0 A
1
1.2
mA
VDD IQ
VDD quiescent current,
SCLK off, all diagnostics
disabled ((WB_OFF,
WB_ON, SHRT_VS),
ADC enabled and
converting, external VDD
VS ≤ 36 V, VDD = 5.5 V
All channels enabled, IOUTx = 0 A
1.2
1.6
mA
VS IQ
VS quiescent current,
SCLK off, all
diagnostics disabled,
(WB_OFF, WB_ON,
SHRT_VS, ADC) internal
VDD
VS ≤ 36 V,
All channels enabled, IOUTx = 0 A
2.8
3.2
mA
VS IQ
VS quiescent current,
SCLK off, all diagnostics
(WB_OFF, WB_ON,
SHRT_VS, ADC)
enabled, external VDD
VS ≤ 36 V, VDD = 3.0 V
All channels enabled, IOUTx = 0 A
1.7
2.5
mA
VS IQ
VS quiescent current,
SCLK off, all diagnostics
(WB_OFF, WB_ON,
SHRT_VS, ADC)
disabled, RCB enabled,
external VDD
VS ≤ 36 V, VDD = 3.0 V
All channels enabled, IOUTx = 0 A
1.4
2.45
mA
Ileak_LG
Leakage current out of
the output pins with the
GND of IC disconnected,
Load ground connected
to supply ground
VS≤ 30 V, VDD = 5.5 V, RL = 24 Ω
All channels enabled
0.8
0.9
mA
RON CHARACTERISTICS
RON
On-resistance
(Includes MOSFET and
package)
10 V ≤ VS ≤ 36 V, IOUT1 =
IOUT2 = 200 mA
TJ = 25°C
72
mΩ
TJ = 125°C
110
mΩ
On-resistance when 2
channels are paralleled
(Includes MOSFET and
package)
10 V ≤ VS ≤ 36 V, IOUT1 =
IOUT2 > 200 mA.
VOUT1 tied to VOUT2
TJ = 25°C
33
mΩ
TJ = 125°C
55
mΩ
VDD_REG CHARACTERISTICS
VVDD
VDD Output voltage
(Internal regulator
enabled)
6 V ≤ VS ≤ 36 V, IVDD <
20 mA
Includes load and line
regulation across the
range.
3.1
3.3
3.6
V
www.ti.com
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com