Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 14Page - Texas Instruments TPS274C65AS Datasheet HTML 15Page - Texas Instruments TPS274C65AS Datasheet HTML 16Page - Texas Instruments TPS274C65AS Datasheet HTML 17Page - Texas Instruments TPS274C65AS Datasheet HTML 18Page - Texas Instruments TPS274C65AS Datasheet HTML 19Page - Texas Instruments TPS274C65AS Datasheet HTML 20Page - Texas Instruments TPS274C65AS Datasheet HTML 21Page - Texas Instruments TPS274C65AS Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
different modes of SPI that is fixed for a given system implementation and cannot be changed dynamically or on
the fly. The two modes can be used with or without CRC.
The two modes are described in detail:
1. Addressable SPI mode - non-daisy-chained SPI bus with one single/shared CS through chip addressing.
Each chip on the shared SPI is assigned an individual chip address with the address set through a resistor
(three-bit address for the chip). Addressed SPI (DSPI pin pulled low) allows direct communication with up
to eight TPS274C65xS on a shared SPI using a single shared CS signal. The three-bit address of each IC
(up to eight on one board) is set with a resistor to GND on this pin Addressed SPI offers the advantage
of direct chip access. CRC check is enabled when CRCEN=1. The SPI main device addresses a specific
chip by sending the appropriate A2, A1, A0 logic in the first three bits of the SPI read/write command. The
TPS274C65xS monitors the SPI address in each SPI read or write cycle and responds appropriately when
the address matches the programmed address for that IC. The added advantage is that it is possible to
update the SW state register and read the data in the various read only fault and data registers in every read
as well as write command frame. The transmission speed will be faster for addressable SPI compared to the
daisy chain SPI as the direct data transmission will happen immediately once the address is transmitted.
2. Daisy chain SPI mode is enabled by setting DSPI pin high. In this mode, multiple TPS274C65xS devices
are configured in a serial fashion. In the 16-bit daisy-chain mode, only a minimum read capability and Switch
state ON/OFF write is possible- the FAULT status can be read out on each write to the switch ON-OFF
register. It is not possible to write to the LED registers or re-configure the device and at the same time
update the switch state. However, it is possible to update the SW state register and read the data in the
various read only fault and data registers. The 24-bit SPI format allows the write to the SW_STATE register
in every read as well as write command frame as well enable CRC. The speed of the transmission for daisy
chain will be depending on the CLK frequency as well as the number of devices connected in series.
The communication between the TPS274C65 IC and the controller or MCU is through a SPI bus in a master-
slave configuration. The external MCU is always an SPI master that sends command requests on the SDI pin of
the TPS274C65 IC and receives device responses on the SDO pin of the IC. The TPS274C65 device is always
an SPI slave device that receives command requests and sends responses (such as status and measured
values) to the external MCU over the SDO line. The following lists the characteristics of the SPI:
The TPS274C65 device can be connected to the master MCU in the following formats.
• One slave device
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com