Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 67 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 67 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 63Page - Texas Instruments TPS274C65AS Datasheet HTML 64Page - Texas Instruments TPS274C65AS Datasheet HTML 65Page - Texas Instruments TPS274C65AS Datasheet HTML 66Page - Texas Instruments TPS274C65AS Datasheet HTML 67Page - Texas Instruments TPS274C65AS Datasheet HTML 68Page - Texas Instruments TPS274C65AS Datasheet HTML 69Page - Texas Instruments TPS274C65AS Datasheet HTML 70Page - Texas Instruments TPS274C65AS Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
Table 9-51. FAULT_MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
7
MASK_SPI_ERR
R/W
0h
The bit is set to mask the SPI error (SPI_ERR) signaling in the FLT
pin output and FAULT_TYPE_STAT register
0h = SPI error is signaled in FAULT_TYPE_STAT register and FLT
pin
1h = FLT pin not impacted by SPI error, but SPI error will be signaled
through FAULT_TYPE_STAT register
6
MASK_WD_ERR
R/W
0h
The bit is set to mask the SPI watchdog error (WD_ERR) signaling in
the FLT pin output and FAULT_TYPE_STAT register
0h = SPI watchdog error is signaled in FAULT_TYPE_STAT register
and FLT pin
1h = FLT pin not impacted by SPI error, but watchdog error will be
signaled through FAULT_TYPE_STAT register
5
MASK_ILIMIT
R/W
0h
The bit is set to mask the signaling ILIMIT fault on the FLT pin
0h = Fault is signaled on the FLT pin on current limit occuring
1h = Current limit fault is not signaled (masked from) on the FLT pin
4
MASK_RVRS_BLK
R/W
0h
The bit is set to mask the signaling reverse current fault on the FLT
pin
0h = Fault is signaled on the FLT pin on reverse current fault
occuring
1h = Reverse current fault is not signaled (masked from) on the FLT
pin
3
MASK_SHRT_VS
R/W
0h
The bit is set to mask the signaling off-state Short to VS fault on the
FLT pin
0h = Short to VS Fault is signaled on the FLT pin on detecting the
fault with the diagnostic
1h = Short to VS fault is not signaled (masked from) on the FLT pin
2
MASK_WB_OFF
R/W
0h
The bit is set to mask the signaling off-state wire-break fault on the
FLT pin
0h = Off-state wire-break fault is signaled on the FLT pin on detecting
the fault with the diagnostic
1h = Off-state wire-break fault is not signaled (masked from) on the
FLT pin
1
MASK_WB_ON
R/W
0h
The bit is set to mask the signaling on-state wire-break fault on the
FLT pin
0h = On-state wire-break fault is signaled on the FLT pin on detecting
the fault with the diagnostic
1h = On-state wire-break fault is not signaled (masked from) on the
FLT pin
0
MASK_VS_UV
R/W
0h
The bit is set to mask the supply voltage VS UV fault signaling on the
FLT pin output.
0h = VS UV fault is signaled on the FLT pin on detecting the fault
with the diagnostic
1h = VS UV fault is not signaled (masked from) on the FLT pin
9.6.40 EN_WB_OFF Register (Offset = 28h) [Reset = 00h]
EN_WB_OFF is shown in Table 9-52.
Return to the Summary Table.
Enables diagnostic of the wire-break (off-state) faults in the fault registers
Table 9-52. EN_WB_OFF Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
Reserved
3
WB_OFF_CH4_EN
R/W
0h
Set this bit to 1 to enable the wire-break (off-state) fault in CH4
0h = Wire-break (off-state) fault diagnostic in CH4 not enabled
1h = Wire-break (off-state) fault diagnostic in CH4 is enabled
www.ti.com
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com