Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 3Page - Texas Instruments TPS274C65AS Datasheet HTML 4Page - Texas Instruments TPS274C65AS Datasheet HTML 5Page - Texas Instruments TPS274C65AS Datasheet HTML 6Page - Texas Instruments TPS274C65AS Datasheet HTML 7Page - Texas Instruments TPS274C65AS Datasheet HTML 8Page - Texas Instruments TPS274C65AS Datasheet HTML 9Page - Texas Instruments TPS274C65AS Datasheet HTML 10Page - Texas Instruments TPS274C65AS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Continuous supply voltage, VVS to IC_GND
–0.3
40
V
Maximum transient (< 1 ms) voltage at the supply pin (with respect to IC GND), VVS, during ON state
–0.3
60
V
VOUT voltage to IC_GND
–30 VVS + 0.3
V
VDS voltage
VDS voltage
–0.7
39
V
Low voltage supply pin voltage, VDD
Low voltage supply pin voltage, VDD
–0.3
7.0
V
Digital Input pin voltages, VDIG
–0.3
7.0
V
LED drive pin voltage, VLED_OUT
-0.3
7.0
V
Analog pin voltage REG_EN
–0.3
7.0
V
RCBx pin voltage, VRCBx
RCBx pin voltage, VRCBx
VOUT –
0.7
VOUT + 6
V
Sense pin voltage, VSNS
–0.3
7.0
V
FLT pin voltage, VFLT
FLT pin voltage, VFLT
–0.3
7.0
V
Reverse ground current, IGND
VS < 0 V
–50
mA
Maximum junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
7.2 ESD Ratings
VALUE
UNIT
VESD1
Electrostatic
discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001(1)
All pins
±2000
V
VESD3
Electrostatic
discharge
Charged device model (CDM), per ANSI/ESDA/
JEDEC JS-002, all pins(2)
All pins
±500
V
Vsurge
Electrostatic
discharge
Surge protection with 42 Ω, per IEC 61000-4-5;
1.2/50 μs
VS, OUTx
±1000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS_OPMAX
Nominal supply voltage
12
36
V
VDD
Low voltage supply voltages
3.0
5.5
V
VDIG
All digital input pin voltage
–0.3
5.5
V
VFLT
FLT pin voltage
–0.3
5.5
V
VLED_OUTx
LED_OUTx pin voltage
–0.3
5.5
V
VANA
REG_EN pin voltage
–0.3
5.0
V
VANA
SNS, ADDCFG pin voltage
–0.3
5.0
V
TA
Operating free-air temperature
–40
125
°C
www.ti.com
TPS274C65
SLVSFZ2B – APRIL 2023 – REVISED OCTOBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS274C65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com