Electronic Components Datasheet Search
  English  ▼

X  

TPS274C65AS Datasheet(PDF) 83 Page - Texas Instruments

Part # TPS274C65AS
Description  TPS274C65xS 72-mΩ, Quad-Channel Smart High-Side Switch With SPI Interface and Diagnostics
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS274C65AS Datasheet(HTML) 83 Page - Texas Instruments

Back Button TPS274C65AS Datasheet HTML 79Page - Texas Instruments TPS274C65AS Datasheet HTML 80Page - Texas Instruments TPS274C65AS Datasheet HTML 81Page - Texas Instruments TPS274C65AS Datasheet HTML 82Page - Texas Instruments TPS274C65AS Datasheet HTML 83Page - Texas Instruments TPS274C65AS Datasheet HTML 84Page - Texas Instruments TPS274C65AS Datasheet HTML 85Page - Texas Instruments TPS274C65AS Datasheet HTML 86Page - Texas Instruments TPS274C65AS Datasheet HTML 87Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 83 / 87 page
background image
www.ti.com
GENERIC PACKAGE VIEW
This image is a representation of the package family, actual package may vary.
Refer to the product data sheet for package details.
VQFN - 1 mm max height
RHA 40
PLASTIC QUAD FLATPACK - NO LEAD
6 x 6, 0.5 mm pitch
4225870/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com